Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS25BR101
Description  3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR101 Datasheet(HTML) 2 Page - Texas Instruments

  DS25BR101 Datasheet HTML 1Page - Texas Instruments DS25BR101 Datasheet HTML 2Page - Texas Instruments DS25BR101 Datasheet HTML 3Page - Texas Instruments DS25BR101 Datasheet HTML 4Page - Texas Instruments DS25BR101 Datasheet HTML 5Page - Texas Instruments DS25BR101 Datasheet HTML 6Page - Texas Instruments DS25BR101 Datasheet HTML 7Page - Texas Instruments DS25BR101 Datasheet HTML 8Page - Texas Instruments DS25BR101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EQ
IN+
IN-
PE
VCC
OUT+
OUT-
NC
1
2
3
4
8
6
5
7
GND
DAP
PE
OUT+
OUT-
EQ
IN+
IN-
DS25BR100
SNLS217F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Device Information
Device
Function
Termination Option
Available Signal Conditioning
DS25BR100
Buffer / Repeater
Internal 100
Ω for LVDS inputs
2 Levels: PE and EQ
DS25BR101
Buffer / Repeater
External termination required
2 Levels: PE and EQ
DS25BR110
Receiver
Internal 100
Ω for LVDS inputs
4 Levels: EQ
DS25BR120
Driver
Internal 100
Ω for LVDS inputs
4 Levels: PE
DS25BR150
Buffer / Repeater
Internal 100
Ω for LVDS inputs
None
Block Diagram
DS25BR101 eliminates 100
Ω input termination.
Pin Diagram
PIN DESCRIPTIONS
Pin Name
Pin Name
Pin Type
Pin Description
EQ
1
Input
Equalizer select pin.
IN+
2
Input
Non-inverting LVDS input pin.
IN-
3
Input
Inverting LVDS input pin.
PE
4
Input
Pre-emphasis select pin.
NC
5
NA
"NO CONNECT" pin.
OUT-
6
Output
Inverting LVDS output pin.
OUT+
7
Output
Non-inverting LVDS Output pin.
VCC
8
Power
Power supply pin.
GND
DAP
Power
Ground pad (DAP - die attach pad).
Control Pins (PE and EQ) Truth Table
EQ
PE
Equalization Level
Pre-emphasis Level
0
0
Low (Approx. 4 dB at 1.56 GHz)
Off
0
1
Low (Approx. 4 dB at 1.56 GHz)
Medium (Approx. 6 dB at 1.56 GHz)
1
0
Medium (Approx. 8 dB at 1.56 GHz)
Off
1
1
Medium (Approx. 8 dB at 1.56 GHz)
Medium (Approx. 6 dB at 1.56 GHz)
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS25BR100


Similar Part No. - DS25BR101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR101 NSC-DS25BR101 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR101TSD NSC-DS25BR101TSD Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR101TSDX NSC-DS25BR101TSDX Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25BR101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com