Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS25BR100 Datasheet(PDF) 5 Page - Texas Instruments

Part # DS25BR100
Description  3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR100 Datasheet(HTML) 5 Page - Texas Instruments

  DS25BR100_15 Datasheet HTML 1Page - Texas Instruments DS25BR100_15 Datasheet HTML 2Page - Texas Instruments DS25BR100_15 Datasheet HTML 3Page - Texas Instruments DS25BR100_15 Datasheet HTML 4Page - Texas Instruments DS25BR100_15 Datasheet HTML 5Page - Texas Instruments DS25BR100_15 Datasheet HTML 6Page - Texas Instruments DS25BR100_15 Datasheet HTML 7Page - Texas Instruments DS25BR100_15 Datasheet HTML 8Page - Texas Instruments DS25BR100_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS25BR100
www.ti.com
SNLS217F – MARCH 2007 – REVISED APRIL 2013
AC Electrical Characteristics
(1)
Over recommended operating supply and temperature ranges unless otherwise specified
(2) (3)
Parameter
Test Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS (OUT+, OUT-)
tPHLD
Differential Propagation Delay High to Low
350
465
ps
RL = 100Ω
tPLHD
Differential Propagation Delay Low to High
350
465
ps
tSKD1
Pulse Skew |tPLHD − tPHLD|
(4)
45
100
ps
tSKD2
Part to Part Skew(5)
45
150
ps
tLHT
Rise Time
80
150
ps
RL = 100Ω
tHLT
Fall Time
80
150
ps
JITTER PERFORMANCE WITH PE = OFF AND EQ = LOW(6)(7)
tRJ1A
VID = 350 mV
2.5 Gbps
0.5
1
ps
Random Jitter (RMS Value)
VCM = 1.2V
tRJ2A
Input Test Channel D(8)
Clock (RZ)
3.125 Gbps
0.5
1
ps
PE = 0, EQ = 0
tDJ1A
VID = 350 mV
2.5 Gbps
1
16
ps
Deterministic Jitter (Peak to Peak)
VCM = 1.2V
tDJ2A
Input Test Channel D(9)
K28.5 (NRZ)
3.125 Gbps
11
31
ps
PE = 0, EQ = 0
tTJ1A
VID = 350 mV
2.5 Gbps
0.03
0.09
UIP-P
Total Jitter (Peak to Peak)
VCM = 1.2V
tTJ2A
Input Test Channel D(10)
PRBS-23 (NRZ)
3.125 Gbps
0.06
0.14
UIP-P
PE = 0, EQ = 0
JITTER PERFORMANCE WITH PE = OFF AND EQ = MEDIUM(6)(7)
tRJ1B
VID = 350 mV
2.5 Gbps
0.5
1
ps
Random Jitter (RMS Value)
VCM = 1.2V
tRJ2B
Input Test Channel E(8)
Clock (RZ)
3.125 Gbps
0.5
1
ps
PE = 0, EQ = 1
tDJ1B
VID = 350 mV
2.5 Gbps
10
29
ps
Deterministic Jitter (Peak to Peak)
VCM = 1.2V
tDJ2B
Input Test Channel E(9)
K28.5 (NRZ)
3.125 Gbps
27
43
ps
PE = 0, EQ = 1
tTJ1B
VID = 350 mV
2.5 Gbps
0.07
0.12
UIP-P
Total Jitter (Peak to Peak)
VCM = 1.2V
tTJ2B
Input Test Channel E(10)
PRBS-23 (NRZ)
3.125 Gbps
0.12
0.17
UIP-P
PE = 0, EQ = 1
(1)
Specification is ensured by characterization and is not tested in production.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(4)
tSKD1, |tPLHD − tPHLD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel.
(5)
tSKD2, Part to Part Skew, is defined as the difference between the minimum and maximum differential propagation delays. This
specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(6)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(7)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(8)
Measured on a clock edge with a histogram and an acummulation of 1500 histogram hits. Input stimulus jitter is subtracted
geometrically.
(9)
Tested with a combination of the 1100000101 (K28.5+ character) and 0011111010 (K28.5- character) patterns. Input stimulus jitter is
subtracted algebraically.
(10) Measured on an eye diagram with a histogram and an acummulation of 3500 histogram hits. Input stimulus jitter is subtracted.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS25BR100


Similar Part No. - DS25BR100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25BR100_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com