Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F8961501VHA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962F8961501VHA
Description  EIA-485/EIA-422A Differential Bus Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962F8961501VHA Datasheet(HTML) 5 Page - Texas Instruments

  5962F8961501VHA Datasheet HTML 1Page - Texas Instruments 5962F8961501VHA Datasheet HTML 2Page - Texas Instruments 5962F8961501VHA Datasheet HTML 3Page - Texas Instruments 5962F8961501VHA Datasheet HTML 4Page - Texas Instruments 5962F8961501VHA Datasheet HTML 5Page - Texas Instruments 5962F8961501VHA Datasheet HTML 6Page - Texas Instruments 5962F8961501VHA Datasheet HTML 7Page - Texas Instruments 5962F8961501VHA Datasheet HTML 8Page - Texas Instruments 5962F8961501VHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS16F95QML
www.ti.com
SNOSAN0B – SEPTEMBER 2005 – REVISED APRIL 2013
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
DC - Driver Electrical Characteristics
(1)
The following conditions apply to all parameters, unless otherwise specified. VCC = 5.5V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
VCC = 5.5V, IO = 0A, VIN = .8V
6
V
1, 2, 3
VOD1
Differential Vout
VCC = 5.5V, IO = 0A, VIN = 2V
6
V
1, 2, 3
VCC = 4.5V, RL = 100Ω
2
V
1, 2, 3
VOD2
Differential Vout (See Figure 4)
VCC = 4.5V, RL = 54Ω
1.5
V
1, 2, 3
VCC = 4.5V, RL = 100Ω
-200
200
mV
1, 2, 3
ΔVOD
Change In Differential Vout
See(2)
VCC = 4.5V, RL = 54Ω
-200
200
mV
1, 2, 3
VCC = 4.5V, RL = 100Ω
-200
200
mV
1, 2, 3
Δ VOC
Change In Common Mode Vout
See(2)
VCC = 4.5V, RL = 54Ω
-200
200
mV
1, 2, 3
RL = 100Ω
3
V
1, 2, 3
VOC
Common Mode Vout
RL = 54Ω
3
V
1, 2, 3
IIH
Logical "1" Input Current
VI = 2.4V
20
uA
1, 2, 3
Output Disable, VO = 12V
1
mA
1, 2, 3
Output Disable, VO = -7V
See(3)
-0.8
mA
1, 2, 3
IO
Output Current
VCC = 0, Output Disable, VO = 12V
1
mA
1, 2, 3
VCC = 0, Output Disable, VO = -7V
See(3)
-0.8
mA
1, 2, 3
(1)
Pre and post irradiation limits are identical to those listed under A C and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are ensured only for the conditions as specified in MIL-STD 883, Method 1019, condition A.
(2)
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level
to a low level.
(3)
Negative sign of the limits indicates the direction of the current flow only.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS16F95QML


Similar Part No. - 5962F8961501VHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962F8957701-XA ETC1-5962F8957701-XA Datasheet
1Mb / 61P
   BCRTM
5962F8957701-XC ETC1-5962F8957701-XC Datasheet
1Mb / 61P
   BCRTM
5962F8957701-XX ETC1-5962F8957701-XX Datasheet
1Mb / 61P
   BCRTM
5962F8957701-XXA ETC1-5962F8957701-XXA Datasheet
1Mb / 61P
   BCRTM
5962F8957701-XXC ETC1-5962F8957701-XXC Datasheet
1Mb / 61P
   BCRTM
More results

Similar Description - 5962F8961501VHA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com