Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS10BR254 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS10BR254
Description  1.5 Gbps 1:4 LVDS Repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10BR254 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS10BR254_15 Datasheet HTML 4Page - Texas Instruments DS10BR254_15 Datasheet HTML 5Page - Texas Instruments DS10BR254_15 Datasheet HTML 6Page - Texas Instruments DS10BR254_15 Datasheet HTML 7Page - Texas Instruments DS10BR254_15 Datasheet HTML 8Page - Texas Instruments DS10BR254_15 Datasheet HTML 9Page - Texas Instruments DS10BR254_15 Datasheet HTML 10Page - Texas Instruments DS10BR254_15 Datasheet HTML 11Page - Texas Instruments DS10BR254_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
OUT+
OUT-
50:
50:
VCC
CML3.3V or CML2.5V
Driver
100: Differential T-Line
DS10BR254
Receiver
IN+
IN-
100:
OUT+
OUT-
DS10BR254
Receiver
IN+
IN-
100: Differential T-Line
100:
LVDS
Driver
DS10BR254
SNLS260D – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The DS10BR254 is a 1.5 Gbps 1:4 LVDS repeater optimized for high-speed signal routing and distribution over
lossy FR-4 printed circuit board backplanes and balanced cables.
Table 1. Input Select Truth Table
CONTROL Pin (SEL_in) State
Input Selected
0
IN1
1
IN2
Input Interfacing
The DS10BR254 accepts differential signals and allows simple AC or DC coupling. With a wide common mode
range, the DS10BR254 can be DC-coupled with all common differential drivers (i.e. LVPECL, LVDS, CML). The
following three figures illustrate typical DC-coupled interface to common differential drivers. Note that the
DS10BR254 inputs are internally terminated with a 100
Ω resistor.
Figure 2. Typical LVDS Driver DC-Coupled Interface to an DS10BR254 Input
Figure 3. Typical CML Driver DC-Coupled Interface to an DS10BR254 Input
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS10BR254


Similar Part No. - DS10BR254_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR254TSQ NSC-DS10BR254TSQ Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254TSQ NSC-DS10BR254TSQ Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
More results

Similar Description - DS10BR254_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
SN65CML100 TI1-SN65CML100_13 Datasheet
1Mb / 19P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_14 Datasheet
791Kb / 14P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
DS10BR150 TI1-DS10BR150_13 Datasheet
793Kb / 15P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
SN65MLVD128 TI1-SN65MLVD128_08 Datasheet
501Kb / 18P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com