Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE43C Datasheet(PDF) 5 Page - SUNMATE electronic Co., LTD

Part # P6KE43C
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P6KE43C Datasheet(HTML) 5 Page - SUNMATE electronic Co., LTD

  P6KE43C Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE43C Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE43C Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE43C Datasheet HTML 4Page - SUNMATE electronic Co., LTD P6KE43C Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
L = 9.5 mm
40x40x1mmCu
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5.0
T , LEAD TEMPERATURE (°C)
Fig. 5, Steady State Power Derating
L
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
0.1
1.0
T , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
0.1
10
100
1.0
10
100
1000
10000
IMPULSE
T = 25°C
C
01
2
3
100
50
0
t = 10ms
r
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V
= 50mV p-p
sig
www.sunmate.tw


Similar Part No. - P6KE43C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE43C PANJIT-P6KE43C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE43C SOCAY-P6KE43C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
P6KE43C UNSEMI-P6KE43C Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Surge Components
P6KE43C SURGE-P6KE43C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
New Jersey Semi-Conduct...
P6KE43C NJSEMI-P6KE43C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
More results

Similar Description - P6KE43C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE9.1CA SUNMATE-P6KE9.1CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com