Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM04C Datasheet(PDF) 1 Page - JL World Company Limited.

Part # SPM04C
Description  Microphone
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

SPM04C Datasheet(HTML) 1 Page - JL World Company Limited.

  SPM04C Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CR927
Lithium Coin Cells
Microphones
Piezoelectric MEMS Microphone
Frequency Response
Specification (all data taken at 25°C unless otherwise specified)
Model
SPM04C-38
Directivity
Omnidirectional
*Sensitivity
(dB)
-38±1
Operating
Voltage
Range
(V)
1.6 ~ 3.6
Typical
Current
Consumption
(μA)
150
Output
Impedance
(Ω)
≤400
Frequency
Range
(Hz)
100 ~ 10000
*Condition: 0dB = 1V/Pa, 1KHz, Difference sensitivity level is available upon request.
SPM04C
www.jlworld.com
Dimensions
Unit : mm
Tolerance : ±0.3mm
Typical
S/N
Ratio
(dB)
64
Package
Type
SMD
IP Rating
IP68
CR927
Reverse Mount
Operating
Temperature
(°C)
-40 ~ +100
Storage
Temperature
(°C)
-40 ~ +125
2.95
GND
Power
GND
GND Output
1.1
200
500
1K
10K
2K
5K
Hz
dB
-20
10
-10
0
100
IP68 compatible


Similar Part No. - SPM04C

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0404HD5-PB KNOWLES-SPM0404HD5-PB Datasheet
806Kb / 10P
   Mini Surface Mount Silicon Microphone
SPM0404HD5H-PB KNOWLES-SPM0404HD5H-PB Datasheet
839Kb / 10P
   Mini SiSonic Microphone Specification - Halogen Free
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB Datasheet
352Kb / 10P
   Mini Surface Mount Silicon Microphone with Enhanced RF Protection - Halogen Free
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB Datasheet
742Kb / 11P
   SiSonicTM Microphone With Enhanced RF Protection
SPM0404HE5H-PB KNOWLES-SPM0404HE5H-PB_13 Datasheet
742Kb / 11P
   SiSonicTM Microphone With Enhanced RF Protection
More results

Similar Description - SPM04C

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
EA-27076-000 KNOWLES-EA-27076-000 Datasheet
230Kb / 3P
   MICROPHONE
EK-23024-C36 KNOWLES-EK-23024-C36 Datasheet
179Kb / 2P
   MICROPHONE
EK-23029-000 KNOWLES-EK-23029-000 Datasheet
129Kb / 2P
   MICROPHONE
EK-23142-000 KNOWLES-EK-23142-000 Datasheet
131Kb / 2P
   MICROPHONE
EA-21843-000 KNOWLES-EA-21843-000 Datasheet
287Kb / 3P
   MICROPHONE
EA-21868-000 KNOWLES-EA-21868-000 Datasheet
286Kb / 3P
   MICROPHONE
EA-23003-000 KNOWLES-EA-23003-000 Datasheet
132Kb / 2P
   MICROPHONE
BJ-21591-000 KNOWLES-BJ-21591-000 Datasheet
137Kb / 2P
   MICROPHONE
EK-23024-P54 KNOWLES-EK-23024-P54 Datasheet
133Kb / 2P
   MICROPHONE
EK-23103-000 KNOWLES-EK-23103-000 Datasheet
135Kb / 2P
   MICROPHONE
EK-28585-C77 KNOWLES-EK-28585-C77 Datasheet
124Kb / 2P
   MICROPHONE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com