Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS08MB200 Datasheet(PDF) 6 Page - Texas Instruments

Part # DS08MB200
Description  Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS08MB200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS08MB200_13 Datasheet HTML 2Page - Texas Instruments DS08MB200_13 Datasheet HTML 3Page - Texas Instruments DS08MB200_13 Datasheet HTML 4Page - Texas Instruments DS08MB200_13 Datasheet HTML 5Page - Texas Instruments DS08MB200_13 Datasheet HTML 6Page - Texas Instruments DS08MB200_13 Datasheet HTML 7Page - Texas Instruments DS08MB200_13 Datasheet HTML 8Page - Texas Instruments DS08MB200_13 Datasheet HTML 9Page - Texas Instruments DS08MB200_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
DS08MB200
SNLS197D – MAY 2006 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply and temperature ranges unless other specified.
Symbol
Parameter
Conditions
Min
Typ(1)
Max
Units
tJIT
Jitter(5)
RJ - Alternating 1 and 0 at 400 MHz(6)
1.3
1.5
psrms
DJ - K28.5 Pattern, 800 Mbps(7)
15
34
psp-p
TJ - PRBS 27-1 Pattern, 800 Mbps(8)
16
34
psp-p
tON
LVDS Output Enable Time
Time from ENA_n, ENB_n, or ENL_n to
0.5
1.5
µs
OUT± change from TRI-STATE to active.
tON2
LVDS Output Enable time from
Time from ENA_n, ENB_n, or ENL_n to
10
20
µs
powerdown mode
OUT± change from Powerdown to active
tOFF
LVDS Output Disable Time
Time from ENA_n, ENB_n, or ENL_n to
OUT± change from active to TRI-STATE
12
ns
or powerdown.
(5)
Jitter is not production tested, but ensured through characterization on a sample basis.
(6)
Random Jitter, or RJ, is measured RMS with a histogram including 1500 histogram window hits. The input voltage = VID = 500mV, 50%
duty cycle at 400 MHz, tr = tf = 50ps (20% to 80%).
(7)
Deterministic Jitter, or DJ, is measured to a histogram mean with a sample size of 350 hits. Stimulus and fixture jitter has been
subtracted. The input voltage = VID = 500mV, K28.5 pattern at 800 Mbps, tr = tf = 50ps (20% to 80%). The K28.5 pattern is repeating bit
streams of (0011111010 1100000101).
(8)
Total Jitter, or TJ, is measured peak to peak with a histogram including 3500 window hits. Stimulus and fixture jitter has been subtracted.
The input voltage = VID = 500mV, 2
7-1 PRBS pattern at 800 Mbps, t
r = tf = 50ps (20% to 80%).
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: DS08MB200


Similar Part No. - DS08MB200_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS08MB200TSQX NSC-DS08MB200TSQX Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
More results

Similar Description - DS08MB200_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com