Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFZ5BBW140LZ10 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFZ5BBW140LZ10
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFZ5BBW140LZ10 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFZ5BBW140LZ10 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFZ5BBW140LZ10 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFZ5BBW140LZ10 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
NFZ5BBW140LZ10#
“#” indicates a package specification code.
< List of part numbers with package codes >
NFZ5BBW140LZ10K NFZ5BBW140LZ10L
Appearance & Shape
Applications
Automotive
Usage
Infotainment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
K
330mm Embossed Tape
3000
L
180mm Embossed Tape
500
Features
1.The NFZ series is an impedance component designed
for the radiation noise ranges from 30 to 150MHz.
With high impedance generated, this product can
suppress noise element connecting to noise conduction
route in series.
Moreover, with wide line up corresponding to various
frequency range, optimum product can be selected
according to the model or set.
2. The nickel barrier structure of the external electrodes
provides excellent solder heat resistance.
3. NFZ series low DC Resistance.Large Current.
The Rated Current is the maximum 4A.
4. Corresponds to 125
℃ maximum use temperature.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/07/29


Similar Part No. - NFZ5BBW140LZ10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFZ5BBW140LZ10 MURATA1-NFZ5BBW140LZ10 Datasheet
328Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
NFZ5BBW140LZ10K MURATA1-NFZ5BBW140LZ10K Datasheet
328Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
NFZ5BBW140LZ10L MURATA1-NFZ5BBW140LZ10L Datasheet
328Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
NFZ5BBW140LZ10 MURATA1-NFZ5BBW140LZ10_V01 Datasheet
328Kb / 3P
   The NFZ series is an impedance component designed for the radiation noise ranges from 30 to 150MHz.
Last updated07/22/2022
More results

Similar Description - NFZ5BBW140LZ10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com