Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8825 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV8825
Description  Stepper Motor Controller IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8825 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8825_16 Datasheet HTML 2Page - Texas Instruments DRV8825_16 Datasheet HTML 3Page - Texas Instruments DRV8825_16 Datasheet HTML 4Page - Texas Instruments DRV8825_16 Datasheet HTML 5Page - Texas Instruments DRV8825_16 Datasheet HTML 6Page - Texas Instruments DRV8825_16 Datasheet HTML 7Page - Texas Instruments DRV8825_16 Datasheet HTML 8Page - Texas Instruments DRV8825_16 Datasheet HTML 9Page - Texas Instruments DRV8825_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DRV8825
SLVSA73F – APRIL 2010 – REVISED JULY 2014
www.ti.com
7.5 Electrical Characteristics
over operating free-air temperature range of –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVM
VM operating supply current
V(VMx) = 24 V
5
8
mA
IVMQ
VM sleep mode supply current
V(VMx) = 24 V
10
20
μA
V3P3OUT REGULATOR
V3P3
V3P3OUT voltage
IOUT = 0 to 1 mA
3.2
3.3
3.4
V
LOGIC-LEVEL INPUTS
VIL
Input low voltage
0
0.7
V
VIH
Input high voltage
2.2
5.25
V
VHYS
Input hysteresis
0.3
0.45
0.6
V
IIL
Input low current
VIN = 0
–20
20
μA
IIH
Input high current
VIN = 3.3 V
100
μA
RPD
Internal pulldown resistance
100
k
Ω
nHOME, nFAULT OUTPUTS (OPEN-DRAIN OUTPUTS)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
DECAY INPUT
VIL
Input low threshold voltage
For slow decay mode
0.8
V
VIH
Input high threshold voltage
For fast decay mode
2
V
IIN
Input current
–40
40
µA
Internal pullup resistance
RPU
130
k
Ω
(to 3.3 V)
RPD
Internal pulldown resistance
80
k
Ω
H-BRIDGE FETS
V(VMx) = 24 V, IO = 1 A, TJ = 25°C
0.2
HS FET on resistance
V(VMx) = 24 V, IO = 1 A, TJ = 85°C
0.25
0.32
RDS(ON)
V(VMx) = 24 V, IO = 1 A, TJ = 25°C
0.2
LS FET on resistance
V(VMx) = 24 V, IO = 1 A, TJ = 85°C
0.25
0.32
IOFF
Off-state leakage current
–20
20
μA
MOTOR DRIVER
Internal current control PWM
ƒPWM
30
kHz
frequency
tBLANK
Current sense blanking time
4
μs
tR
Rise time
30
200
ns
tF
Fall time
30
200
ns
PROTECTION CIRCUITS
VUVLO
VM undervoltage lockout voltage
V(VMx) rising
7.8
8.2
V
IOCP
Overcurrent protection trip level
3
A
tDEG
Overcurrent deglitch time
3
µs
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
CURRENT CONTROL
IREF
xVREF input current
V(xVREF) = 3.3 V
–3
3
μA
VTRIP
xISENSE trip voltage
V(xVREF) = 3.3 V, 100% current setting
635
660
685
mV
V(xVREF) = 3.3 V, 5% current setting
–25%
25%
V(xVREF) = 3.3 V, 10% to 34% current setting
–15%
15%
Current trip accuracy
ΔITRIP
(relative to programmed value)
V(xVREF) = 3.3 V, 38% to 67% current setting
–10%
10%
V(xVREF) = 3.3 V, 71% to 100% current setting
–5%
5%
AISENSE Current sense amplifier gain
Reference only
5
V/V
6
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: DRV8825


Similar Part No. - DRV8825_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825_15 Datasheet
1Mb / 32P
[Old version datasheet]   DRV8825 Stepper Motor Controller IC
More results

Similar Description - DRV8825_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com