Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8904 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8904
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8904 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8904 Datasheet HTML 6Page - Allegro MicroSystems A8904 Datasheet HTML 7Page - Allegro MicroSystems A8904 Datasheet HTML 8Page - Allegro MicroSystems A8904 Datasheet HTML 9Page - Allegro MicroSystems A8904 Datasheet HTML 10Page - Allegro MicroSystems A8904 Datasheet HTML 11Page - Allegro MicroSystems A8904 Datasheet HTML 12Page - Allegro MicroSystems A8904 Datasheet HTML 13Page - Allegro MicroSystems A8904 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
8904
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
10
unbalance in the commutation points.
It is recommended to select the value of C
WD in the actual
application circuit with the A8904 put into step mode. C
ST
should be reselected (only for this test), to be between 4.7 µF
and 10 µF, so that the motor comes to rest between steps and the
maximum diode conduction time can be measured. The value of
C
WD can be determined as:
C
WD = ICWD x td / VTL
where t
d = measured diode conduction, ICWD = charge current at
start-up, and V
TL = 250 mV.
t BLANK
Dwg. W P-022
BLANK
CWD
V
V
TL
t BLANK
t
WD
V
TL
V
TH
Dwg. W P-021
BLANK
CWD
V
After the watchdog capacitor C
WD charges to the VTL threshold,
and if the correct polarity of back-EMF signal is detected, the
back-EMF detection circuit discharges C
WD to zero volts (see
waveform above) and the circuit is ready to detect the next back-
EMF zero crossing.
If the correct polarity of back-EMF is not detected between
the blanking period, t
BLANK, and the watchdog period, tWD, then
the back-EMF detection circuit does not allow the watchdog
capacitor C
WD to be discharged and the watchdog circuit
commutates the outputs to the next sequencer state (see wave-
form above). This mode of operation continues until a suitable
back-EMF signal is detected. This function is useful in prevent-
ing excessive reverse rotation, and helps in resynchronising (or
starting) with a moving spindle.
The duration of the watchdog-triggered commutation is
determined by:
t
WD = VTH x CWD / ICWD
where I
CWD = normal charge current.
Speed control. The actual speed of the motor is mea-
sured by either internally sensing the back-EMFs or by an
external scheme via the SECTOR DATA terminal. A TACH
signal is produced from these signals, which is then compared
against the desired speed, which is programmed into a 14-bit
counter (see diagram and waveforms below - assumes internal
scheme used). The resulting error signal, ERROR, is then used
to charge or discharge the FILTER terminal capacitor depending
on whether the motor is running too slow or too fast. The
FILTER terminal voltage is used to linearly drive the low-side
MOSFETs to match the desired speed.
Each back-EMF signal detected causes the state of the
FCOM signal to change. The number of FCOM transitions per
mechanical revolution is equal to the number of poles times 3.
For example, with a 4-pole motor (as shown on next page), the
number of FCOM transitions will equal 12 per mechanical
revolution. The number of poles are programmed via serial port
bits D20 and D21. There are six electrical states per electrical
revolution, therefore, for this example, there are 12 commuta-
tions or two electrical revolutions per mechanical revolution.
The TACH signal changes state once per mechanical
revolution and as well as providing information on the actual
motor speed is also used to trigger the REF counter which
contains the information on the desired motor speed. Alterna-
tively an external TACH signal can be used, an explanation of
which is presented in the Sector Mode Section.
The duration of REF is set by programming the counter to
count the desired number of OSCILLATOR cycles, according to
the following:
total count = 60 x f
OSC / desired motor speed (rpm)
where the total count (number of oscillator cycles) is equal to the
sum of the count numbers selected through bits D5 to D18 in the
serial port and f
OSC corresponds to the OSCILLATOR fre-
quency.
Functional Description (cont’d)
Normal commutation
Watchdog-triggered commutation


Similar Part No. - A8904

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904 ALLEGRO-A8904 Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
A8904SLB-T ALLEGRO-A8904SLB-T Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
A8904SLBTR-T ALLEGRO-A8904SLBTR-T Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR-T ALLEGRO-A8904SLBTR-T Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
More results

Similar Description - A8904

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com