Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACD2204 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ACD2204
Description  CATV/TV/Video Downconverter with Dual Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD2204 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ACD2204 Datasheet HTML 2Page - ANADIGICS, Inc ACD2204 Datasheet HTML 3Page - ANADIGICS, Inc ACD2204 Datasheet HTML 4Page - ANADIGICS, Inc ACD2204 Datasheet HTML 5Page - ANADIGICS, Inc ACD2204 Datasheet HTML 6Page - ANADIGICS, Inc ACD2204 Datasheet HTML 7Page - ANADIGICS, Inc ACD2204 Datasheet HTML 8Page - ANADIGICS, Inc ACD2204 Datasheet HTML 9Page - ANADIGICS, Inc ACD2204 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.0
04/2003
ACD2204
DATA
N20: MSB
N19
N10
N9
C2
C1 : LSB
(R20: MSB)
(R19)
R10
(R9 )
(C2 )
(C1 : LSB)
(R8)
CLOCK
LE
LE
OR
tCS
tCH
tCWH
tES
tEW
tCWL
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
V
:t
u
p
n
I
h
g
i
H
c
i
g
o
L
H
)
2
1
,
1
1
,
0
1
s
n
i
p
(0
.
2-
-
V
V
:t
u
p
n
I
w
o
L
c
i
g
o
L
L
)
2
1
,
1
1
,
0
1
s
n
i
p
(-
-
8
.
0V
n
o
it
p
m
u
s
n
o
C
t
n
e
r
r
u
C
t
u
p
n
I
c
i
g
o
L
)
2
1
,
1
1
,
0
1
s
n
i
p
(
--
1
0
.
0A
m
t
:
e
m
i
T
p
U
t
e
S
k
c
o
l
C
o
t
a
t
a
D
S
C
0
5-
-
s
n
t
:
e
m
i
T
d
l
o
H
k
c
o
l
C
o
t
a
t
a
D
H
C
0
1-
-
s
n
t
:
h
g
i
H
h
t
d
i
W
e
s
l
u
P
k
c
o
l
C
H
W
C
0
5-
-
s
n
t
:
w
o
L
h
t
d
i
W
e
s
l
u
P
k
c
o
l
C
L
W
C
0
5-
-
s
n
t
:
e
m
i
T
p
u
t
e
S
e
l
b
a
n
E
d
a
o
L
o
t
k
c
o
l
C
S
E
0
5-
-
s
n
t
:
h
t
d
i
W
e
s
l
u
P
e
l
b
a
n
E
d
a
o
L
W
E
0
5-
-
s
n
t
:
e
m
i
T
e
s
i
R
R
-0
1-
s
n
t
:
e
m
i
T
ll
a
F
F
-0
1-
s
n
Figure 4: Serial Data Input Timing
Table 6: Digital Interface Specifications
(TA = 25
°C, VDD = +5 VDC, ref. Figure 4)


Similar Part No. - ACD2204

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P0 ANADIGICS-ACD2202S8P0 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2202S8P1 ANADIGICS-ACD2202S8P1 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2203S8GP0 ANADIGICS-ACD2203S8GP0 Datasheet
618Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
More results

Similar Description - ACD2204

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2206 ANADIGICS-ACD2206 Datasheet
464Kb / 20P
   CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
ACD2202 ANADIGICS-ACD2202 Datasheet
550Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
   CATV/TV/Video Downconverter with Dual Synthesizer
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Toshiba Semiconductor
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
   QPSK Downconverter for CATV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com