Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC2510B Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC2510B
Description  3.3V Phase-Lock Loop Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2510B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC2510B_15 Datasheet HTML 4Page - Texas Instruments CDC2510B_15 Datasheet HTML 5Page - Texas Instruments CDC2510B_15 Datasheet HTML 6Page - Texas Instruments CDC2510B_15 Datasheet HTML 7Page - Texas Instruments CDC2510B_15 Datasheet HTML 8Page - Texas Instruments CDC2510B_15 Datasheet HTML 9Page - Texas Instruments CDC2510B_15 Datasheet HTML 10Page - Texas Instruments CDC2510B_15 Datasheet HTML 11Page - Texas Instruments CDC2510B_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CDC2510B
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS612 B− SEPTEMBER 1998 − REVISED DECEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
PHASE ERROR
vs
SUPPLY VOLTAGE
300
250
150
100
50
0
200
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
350
400
−50
−100
fc = 100 MHz
CLY = CLF = 30 pF
TA = 25°C
Phase Error Measured
from CLK to FBIN
VCC − Supply Voltage − V
Figure 6
JITTER
vs
CLOCK FREQUENCY
400
300
250
200
0
350
35
45
55
65
75
85
95
105 115 125
150
100
50
Cycle to Cycle
Peak to Peak
VCC = 3.3 V
TA = 25°C
fc − Clock Frequency − MHz
Figure 7
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
12
10
6
4
2
0
8
10
20
40
60
80
100
120
140
14
16
AVCC = 3.6 V
Bias = 0/3 V
CLY = CLF = 30 pF
TA = 25°C
fc − Clock Frequency − MHz
Figure 8
0
50
100
150
200
250
20
40
60
80
100
120
140
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclk − Clock Frequency − MHz
VCC = 3.6 V
TA = 25°C
CLY = CLF = 30 pF
NOTES: A. CLY = Lumped capacitive load at Y
B. CLF = Lumped feedback capacitance at FBIN


Similar Part No. - CDC2510B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510BPW TI-CDC2510BPW Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510BPWR TI-CDC2510BPWR Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2510B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com