Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

592D157X-004C2-15H Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 592D157X-004C2-15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D157X-004C2-15H Datasheet(HTML) 5 Page - Vishay Siliconix

  592D157X-004C2-15H Datasheet HTML 1Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 2Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 3Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 4Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 5Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 6Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 7Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 8Page - Vishay Siliconix 592D157X-004C2-15H Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.vishay.com
78
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
Max. RIPPLE
100kHz
Irms
(Amps)
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
1A
592D105X_035A2T
0.5
4
10.0
0.08
1B
592D105X_035B2T
0.5
4
6.50
0.11
1.5
B
592D155X_035B2T
0.5
4
4.2
0.14
2.2*
B*
592D225X_035B2T*
0.8*
6*
6.00*
0.12*
2.2
C
592D225X_035C2T
0.8
6
3.50
0.17
3.3
C
592D335X_035C2T
1.2
6
3.20
0.18
3.3
D
592D335X_035D2T
1.2
6
2.10
0.24
4.7
R
592 D475X_035R2T
1.6
6
1.30
0.34
6.8
D
592 D685X_035D2T
2.4
6
1.30
0.31
6.8
R
592D685X_035R2T
2.4
6
1.20
0.35
10
R
592D106X_035R2T
3.5
6
1.20
0.35
"C" Case
FREQUENCY IN HERTZ
1000
100
10
1
0.1
4.7
µF, 25 V
100
1K
10K
100K
1M
33
µF, 6.3 V
IMPEDANCE
ESR
100
1K
10K
100K
1M
FREQUENCY IN HERTZ
"B" Case
1000
100
10
1
100
1K
10K
100K
10
µF, 10 V
4.7
µF, 20 V
IMPEDANCE
ESR
"A" Case
1000
100
10
1
0.1
FREQUENCY IN HERTZ
IMPEDANCE
ESR
1
µF, 35
15
µF, 6.3
IMPEDANCE
ESR
47
µF, 6.3 V
100
10
1
0.1
0.01
6.8
µF, 25 V
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
"D" Case


Similar Part No. - 592D157X-004C2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D157X_004B2_20H VISHAY-592D157X_004B2_20H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D157X_004C2_15H VISHAY-592D157X_004C2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D157X_004D2_15H VISHAY-592D157X_004D2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D157X_004R2_15H VISHAY-592D157X_004R2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D157X_010C2_15H VISHAY-592D157X_010C2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
More results

Similar Description - 592D157X-004C2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com