Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8904SLP Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8904SLP
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8904SLP Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8904SLP Datasheet HTML 1Page - Allegro MicroSystems A8904SLP Datasheet HTML 2Page - Allegro MicroSystems A8904SLP Datasheet HTML 3Page - Allegro MicroSystems A8904SLP Datasheet HTML 4Page - Allegro MicroSystems A8904SLP Datasheet HTML 5Page - Allegro MicroSystems A8904SLP Datasheet HTML 6Page - Allegro MicroSystems A8904SLP Datasheet HTML 7Page - Allegro MicroSystems A8904SLP Datasheet HTML 8Page - Allegro MicroSystems A8904SLP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Absolute Maximum Ratings
Load Supply Voltage, VBB . . . . . . . . . . . .
15 V
Output Current1, IOUT . . . . . . . . . . . . . . . . . . . . . ±1.4 A
Peak Output Current (Brake)2, IOUT(BRK) . ±3.0 A
Period2 for IOUT(BRK) to fall from
±3.0 A to ±1.4 A . . . . . . . . . . . . . . . 800 ms
Logic Supply Voltage, VDD . . . . . . . . . . . 7.0 V
Logic Input Voltage Range, VIN
(continuous) . . . . . .
-0.3 V to VDD + 0.3 V
(tw <30 ns) . . . . . . . -1.0 V to VDD + 1.0 V
Package Power Dissipation, PD . . See Graph
Operating Temperature, TA . . . -20°C to +85°C
Junction Temperature3, TJ . . . . . . . . . +150°C
Storage Temperature,TS . . . . -55°C to +150°C
1
Output current rating may be restricted to a value
determined by system concerns and factors. These
include: system duty cycle and timing, ambient
temperature, and use of any heatsinking and/or forced
cooling. For reliable operation, the specified maximum
junction temperature should not be exceeded.
2
Peak output current is a transient condition that
occurs during braking when the motor acts as a
generator. The 3 A level is based on the maximum
peak of a sine wave that is damped. The maximum
period between the initial brake being applied and the
current through the drivers falling to 1.4 A should not
exceed 800 ms. See Braking section for more
information.
3
Fault conditions that produce excessive junction
temperature will activate device thermal shutdown
circuitry. These conditions can be tolerated, but should
be avoided.
The A8904SLB and A8904SLP are three-phase brushless dc motor
controller/drivers designed for applications where accurate control of high-
speed motors is required. The three half-bridge outputs are low on-resistance
n-channel DMOS devices capable of driving up to 1.2 A. The A8904 provides
complete, reliable, self-contained back-EMF sensing, motor startup and
running algorithms. A programmable digital frequency-locked loop speed
control circuit together with the linear current control circuitry provides
precise motor speed regulation.
A serial port allows the user to program various features and modes of
operation, such as the speed control parameters, startup current limit, sleep
mode, direction, and diagnostic modes.
The A8904 is fabricated in Allegro’s BCD (Bipolar CMOS DMOS)
process, an advanced mixed-signal technology that combines bipolar, analog
and digital CMOS, and DMOS power devices. The A8904SLB is provided in
a 24-lead wide-body SOIC batwing package. The A8904SLP is provided in a
thin (<1.2 mm), 28-lead SSOP package with an exposed thermal pad. Each
package type is available in a lead-free version (100% matte tin leadframe).
Features
Pin-for-pin replacement for A8902CLBA
Startup commutation circuitry
Sensorless commutation circuitry
Option of external sector data tachometer signal
Option of external speed control
Oscillator operation up to 20 MHz
Programmable overcurrent limit
Transconductance gain options: 500 mA/V or 250 mA/V
Programmable watchdog timer
Directional control
Serial Port Interface
TTL-compatible inputs
System diagnostics data out ported in real time
Dynamic braking through serial port or external terminal
3-PHASE BRUSHLESS DC MOTOR
CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904
A8904SLB (SOIC)
Always order by complete part number:
Part Number
Package
A8904SLB
24-pin batwing SOIC
A8904SLB-T
24-pin batwing SOIC; Lead-free
A8904SLP
28-pin SSOP with Exposed Thermal Pad
A8904SLP-T
24-pin SSOP with Exposed Thermal Pad; Lead-free


Similar Part No. - A8904SLP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904SLP-T ALLEGRO-A8904SLP-T Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLPTR-T ALLEGRO-A8904SLPTR-T Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLPTR-T ALLEGRO-A8904SLPTR-T Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
More results

Similar Description - A8904SLP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8905 ALLEGRO-8905 Datasheet
163Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com