Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC3RL02 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC3RL02
Description  Low Phase-Noise Two-Channel Clock Fan-Out Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3RL02 Datasheet(HTML) 5 Page - Texas Instruments

  CDC3RL02_16 Datasheet HTML 1Page - Texas Instruments CDC3RL02_16 Datasheet HTML 2Page - Texas Instruments CDC3RL02_16 Datasheet HTML 3Page - Texas Instruments CDC3RL02_16 Datasheet HTML 4Page - Texas Instruments CDC3RL02_16 Datasheet HTML 5Page - Texas Instruments CDC3RL02_16 Datasheet HTML 6Page - Texas Instruments CDC3RL02_16 Datasheet HTML 7Page - Texas Instruments CDC3RL02_16 Datasheet HTML 8Page - Texas Instruments CDC3RL02_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CDC3RL02
www.ti.com
SCHS371C – NOVEMBER 2009 – REVISED JANUARY 2016
7.4 Thermal Information
CDC3RL02
THERMAL METRIC(1)
YFP (TSSOP)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
107.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.3
°C/W
RθJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
4.5
°C/W
ψJB
Junction-to-board characterization parameter
18.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO
VOUT
LDO output voltage
IOUT = 50 mA
1.71
1.8
1.89
V
CLDO
External load capacitance
1
10
μF
IOUT(SC) Short circuit output current
RL = 0 Ω
100
mA
IOUT(PK) Peak output current
VBATT = 2.3 V, VLDO = VOUT – 5%
100
mA
fIN= 217 Hz and 1 kHz
60
PSR
Power supply rejection
VBATT = 2.3 V, IOUT = 2 mA,
dB
fIN= 3.25 MHz
40
VBATT = 2.3 V , CLDO = 1 μF,
0.2
CLK_REQ_n to VLDO = 1.71 V
tsu
LDO startup time
ms
VBATT = 5.5 V , CLDO = 10 μF,
1
CLK_REQ_n to VLDO = 1.71 V
POWER CONSUMPTION
ISB
Standby current
Device in standby (all VCLK_REQ_n = 0 V)
0.2
1
μA
ICCS
Static current consumption
Device active but not switching
0.4
1
mA
IOB
Output buffer average current
fIN = 26 MHz, CLOAD = 50 pF
4.2
mA
Output power dissipation
CPD
fIN = 26 MHz
44
pF
capacitance
MCLK_IN INPUT
MCLK_IN, CLK_REQ_1/2 leakage
II
VI = VLDO or GND
1
μA
current
CI
MCLK_IN capacitance
fIN = 26 MHz
4.75
pF
RI
MCLK_IN impedance
fIN = 26 MHz
6
k
fIN
MCLK_IN frequency range
10
26
52
MHz
MCLK_IN LVCMOS SOURCE
1-kHz offset
–140
10-kHz offset
–149
Additive phase noise
fIN = 26 MHz, tr/tf ≤ 1 ns
dBc/Hz
100-kHz offset
–153
1-MHz offset
–148
Additive jitter
fIN = 26 MHz, VPP = 0.8 V, BW = 10–5 MHz
0.37
ps (rms)
MCLK_IN to CLK_OUT_n
tDL
11
ns
propagation delay
DCL
Output duty cycle
fIN = 26 MHz, DCIN = 50%
45%
50%
55%
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDC3RL02


Similar Part No. - CDC3RL02_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
More results

Similar Description - CDC3RL02_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
   Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
PulseCore Semiconductor
PCS2P5T915A PULSECORE-PCS2P5T915A Datasheet
799Kb / 23P
   Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
logo
Melexis Microelectronic...
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Lattice Semiconductor
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
   2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com