Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC2509APWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC2509APWRG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2509APWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC2509APWRG4 Datasheet HTML 3Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 4Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 5Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 6Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 7Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 8Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 9Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 10Page - Texas Instruments CDC2509APWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CDC2509A
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS603C − APRIL 1998 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
fclk − Clock Frequency − MHz
STATIC PHASE ERROR
vs
CLOCK FREQUENCY
60
70
80
90
120
110
100
−500
−600
−700
−750
−550
−650
−300
130
AVCC, VCC = 3.3 V
TA = 25°C
−350
−450
−400
Figure 4
fclk − Clock Frequency − MHz
JITTER (PEAK-TO-PEAK)
vs
CLOCK FREQUENCY
60
70
80
90
120
110
100
350
250
150
100
300
200
550
130
AVCC, VCC = 3.3 V
RL = 500 Ω
CL = 30 pF
TA = 25°C
All Outputs Switching
500
400
450
Figure 5
fclk − Clock Frequency − MHz
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
30
50
70
90
110
10
6
2
0
8
4
130
12
14
AVCC, VCC = 3.3 V
TA = 25°C
Figure 6
0
50
100
150
200
250
20
40
60
80
100
120
140
SUPPLY CURRENT
vs
CLOCK FREQUENCY
fclk − Clock Frequency − MHz
VCC = 3.6 V
TA = 25°C
CLY = CLF = 30 pF


Similar Part No. - CDC2509APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509APWR TI-CDC2509APWR Datasheet
268Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2509APWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com