Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBB131DL Datasheet(PDF) 4 Page - Jianghai Europe GmbH

Part # CBB131DL
Description  Polypropylene Film Capacitors for DC-Link Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CBB131DL Datasheet(HTML) 4 Page - Jianghai Europe GmbH

  CBB131DL Datasheet HTML 1Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 2Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 3Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 4Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 5Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 6Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 7Page - Jianghai Europe GmbH CBB131DL Datasheet HTML 8Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CBB 131 DL Series
Ratings for CBB 131 DL Series
URDC
CR
Imax(1)
(A)
Rth
(2)
Î (3)
RS
(4)
LS
(5)
D
H
P/N
(VDC)
(μF)
40
℃ 50℃ 60℃ (K/W) (A) (mΩ) (nH) (mm) (mm)
1300
O3
240
58
51
41
4,2
2880
2,8
≤60
76
175
FCCO3DL247*H175*3**2E3
250
55
47
39
4,6
3000
2,9
≤60
85/86
136
FCCO3DL257**136*3**1E3
280
73
63
52
4,4
3360
1,7
≤60
85/86
155
FCCO3DL287**155*3**2E3
310
68
59
48
5,4
3720
1,5
≤60
116
95
FCCO3DL317*P095*5**1E3
320
70
61
49
4,3
3840
1,9
≤80
85/86
175
FCCO3DL327**175*3**2E3
420
67
58
47
5,0
5040
1,8
≤60
116
120
FCCO3DL427*P120*5**1E3
450
67
58
48
4,0
5400
2,2
≤80
85/86
225
FCCO3DL457**225*3**2E3
470
67
58
48
4,0
5640
2,2
≤80
85/86
225
FCCO3DL477**225*3**2E3
480
62
54
44
4,9
5760
2,1
≤60
116
136
FCCO3DL487*P136*5**1E3
530
100
87
71
3,6
6360
1,1
≤80
116
155
FCCO3DL537*P155*5**2E3
630
100
90
73
3,4
7560
1,1
≤80
116
175
FCCO3DL637*P175*5**2E3
820
99
86
70
2,7
9840
1,5
≤80
116
230
FCCO3DL827*P230*5**2E3
880
100
95
78
3,0
10560
1,1
≤100
136
175
FCCO3DL887*T175*5**2E3
1200
100
93
76
2,9
13200
1,2
≤100
136
230
FCCO3DL128*T230*5**2E3
1300
100
100
88
2,0
14300
1,3
≤100
136
252
FCCO3DL138*P252*5**2E3
1500
C3
170
52
45
37
4,7
2040
3,1
≤60
85/86
120
FCCC3DL177**120*3**1E3
210
67
58
48
4,4
2520
2,0
≤60
85/86
155
FCCC3DL217**155*3**2E3
310
62
53
44
5,0
3720
2,1
≤60
116
120
FCCC3DL317*P120*5**1E3
330
63
55
45
4,0
3960
2,5
≤80
85/86
225
FCCC3DL337**225*3**2E3
400
89
77
63
3,6
4800
1,1
≤80
116
155
FCCC3DL407*P155*5**2E3
600
93
81
66
2,7
7200
1,7
≤80
116
230
FCCC3DL607*P230*5**2E3
1700
F3
130
49
43
35
4,7
1560
3,5
≤60
85/86
120
FCCF3DL137**120*3**1E3
160
63
54
44
4,4
1920
2,3
≤60
85/86
155
FCCF3DL167**155*3**2E3
240
58
50
41
5,0
2880
2,4
≤60
116
120
FCCF3DL247*P120*3**1E3
250
59
51
42
4,0
3000
2,9
≤80
85/86
225
FCCF3DL257**225*3**2E3
300
83
72
59
3,6
3600
1,6
≤80
116
155
FCCF3DL307*P155*3**2E3
460
88
76
62
2,7
5520
1,9
≤80
116
230
FCCF3DL467*P230*3**2E3
2000
3D
100
46
40
33
4,7
1200
4,0
≤60
85/86
120
FCC3DDL107**120*3**1E3
120
60
52
43
4,4
1440
2,5
≤60
85/86
155
FCC3DDL127**155*3**2E3
190
54
47
38
5,0
2280
2,7
≤60
116
120
FCC3DDL197*P120*3**1E3
55
48
39
4,0
2280
3,3
≤80
85/86
225
FCC3DDL197**225*3**2E3
240
79
68
56
3,6
2880
1,8
≤80
116
155
FCC3DDL247*P155*3**2E3
370
82
71
58
2,7
4440
2,2
≤80
116
230
FCC3DDL377*P230*3**1E3
(1) Maximum permissible r.m.s. ripple current (1 kHz) at given ambient temperature
“*” to be defined, see ordering code table
(2) Thermal resistance from hotspot to ambient (free convection)
(3) Maximum permissible peak current
(4) Series resistance at 20°C ambient temperature, 1kHz
(5) Self-inductance at 20°C ambient temperature
Customized products are available on request.
Marking
No.
Item
1
Brand
2
Series Designation
3
Capacitance and Tolerance
4
UR Rated Voltage
5
UTC Voltage between Terminals and Case, Frequency
6
Temperature Range, Reference Standard
7
Safety Warning
8
Date Code
2016 v8.3


Similar Part No. - CBB131DL

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
More results

Similar Description - CBB131DL

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CBB136DP JIANGHAI-CBB136DP Datasheet
566Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB136GDG JIANGHAI-CBB136GDG Datasheet
501Kb / 4P
   Polypropylene Film Capacitors for DC-Link Applications
CBB138DS JIANGHAI-CBB138DS Datasheet
404Kb / 4P
   Polypropylene Film Capacitors for DC-Link Application
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
   Polypropylene, DC Link Capacitors
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161IL JIANGHAI-CBB161IL Datasheet
548Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
CBB165IS JIANGHAI-CBB165IS Datasheet
537Kb / 6P
   Polypropylene Film Capacitors for Snubber Applications
logo
Cornell Dubilier Electr...
944U101K801AA CDE-944U101K801AA Datasheet
471Kb / 4P
   Polypropylene Film Capacitors for DC Filtering
logo
Vishay Siliconix
MKP1848CDCLINK VISHAY-MKP1848CDCLINK Datasheet
191Kb / 20P
   Metallized Polypropylene Film Capacitor DC-Link Capacitor
Revision: 21-Sep-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com