Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200CNQ040 Datasheet(PDF) 4 Page - International Rectifier

Part # 200CNQ040
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

200CNQ040 Datasheet(HTML) 4 Page - International Rectifier

  200CNQ040 Datasheet HTML 1Page - International Rectifier 200CNQ040 Datasheet HTML 2Page - International Rectifier 200CNQ040 Datasheet HTML 3Page - International Rectifier 200CNQ040 Datasheet HTML 4Page - International Rectifier 200CNQ040 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
200CNQ... Series
4
Bulletin PD-2.257 rev. D 07/01
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 6 - Forward Power Loss Characteristics
(Per Leg)
60
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
16 0
0
3 06 09 0
1 20
15 0
DC
F(A V )
Ave rag e Forw ard C urre n t - I
(A )
see n ote (2)
Squa re w ave (D = 0.50)
80% Ra te d V
a pp lie d
R
0
10
20
30
40
50
60
70
80
0
3 06 09 0
12 0
15 0
DC
F(A V)
RM S Lim it
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
A ve ra g e Forw ard C urren t - I
(A)
1000
10000
100000
10
100
1000
10000
p
At An y Rated Load C ond ition
An d W ith Rate d V
Ap plie d
Follow in g Surg e
RRM
Squa re W a ve Pulse D ura tion - t
(m ic rose c )
FR EE-W HE EL
D IO D E
40H FL40S02
CUR RE N T
MO N ITO R
HIG H -SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 V olt
+
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR


Similar Part No. - 200CNQ040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
200CNQ040 MICROSEMI-200CNQ040 Datasheet
123Kb / 2P
   Schottky PowerMod
logo
Sangdest Microelectroni...
200CNQ040 SMC-200CNQ040 Datasheet
209Kb / 4P
   SCHOTTKY RECTIFIER
200CNQ040 SMC-200CNQ040 Datasheet
209Kb / 4P
   All SMC parts are traceable to the wafer lot
More results

Similar Description - 200CNQ040

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com