Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8165A Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8165A
Description  14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8165A Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8165A Datasheet HTML 5Page - Texas Instruments DAC8165A Datasheet HTML 6Page - Texas Instruments DAC8165A Datasheet HTML 7Page - Texas Instruments DAC8165A Datasheet HTML 8Page - Texas Instruments DAC8165A Datasheet HTML 9Page - Texas Instruments DAC8165A Datasheet HTML 10Page - Texas Instruments DAC8165A Datasheet HTML 11Page - Texas Instruments DAC8165A Datasheet HTML 12Page - Texas Instruments DAC8165A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Time(2s/div)
12 V(peak-to-peak)
m
300
250
200
150
0
1M
100
1k
10k
100k
10
Frequency(Hz)
ReferenceUnbuffered
C
=0 F
REF
m
100
50
C
=4.8 F
REF
m
2.505
2.504
2.495
25
-15
-5
15
-25
I
(mA)
LOAD
2.503
2.501
2.502
+25°C
+120 C
°
-40°C
2.500
2.496
2.497
2.498
2.499
5
-20
-10
0
10
20
2.505
2.504
2.495
25
-15
-5
15
-25
I
(mA)
LOAD
2.503
2.501
2.502
2.500
2.496
2.497
2.498
2.499
5
-20
-10
0
10
20
+25°C
-40°C
+120°C
2.503
2.502
2.501
2.498
5.5
3.0
3.5
4.0
2.5
AV
(V)
DD
2.500
4.5
5.0
+120 C
°
+25 C
°
-
°
40 C
2.499
2.503
2.502
2.501
2.498
5.5
3.0
3.5
4.0
2.5
AV
(V)
DD
2.500
4.5
5.0
+120 C
°
+25 C
°
-
°
40 C
2.499
DAC8165
www.ti.com
SBAS409B
– FEBRUARY 2008 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS: Internal Reference (continued)
At TA = +25°C, unless otherwise noted.
INTERNAL REFERENCE NOISE DENSITY
INTERNAL REFERENCE NOISE
vs
FREQUENCY
0.1Hz TO 10Hz
Figure 7.
Figure 8.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs
vs
LOAD CURRENT (Grades C and D)
LOAD CURRENT (Grades A and B)
Figure 9.
Figure 10.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs
vs
SUPPLY VOLTAGE (Grades C and D)
SUPPLY VOLTAGE (Grades A and B)
Figure 11.
Figure 12.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC8165


Similar Part No. - DAC8165A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8165 TI-DAC8165 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8165 TI1-DAC8165 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
More results

Similar Description - DAC8165A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7678 TI-DAC7678_10 Datasheet
1Mb / 52P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com