Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1141LLH Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1141LLH
Description  Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1141LLH Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1141LLH Datasheet HTML 3Page - Allegro MicroSystems A1141LLH Datasheet HTML 4Page - Allegro MicroSystems A1141LLH Datasheet HTML 5Page - Allegro MicroSystems A1141LLH Datasheet HTML 6Page - Allegro MicroSystems A1141LLH Datasheet HTML 7Page - Allegro MicroSystems A1141LLH Datasheet HTML 8Page - Allegro MicroSystems A1141LLH Datasheet HTML 9Page - Allegro MicroSystems A1141LLH Datasheet HTML 10Page - Allegro MicroSystems A1141LLH Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
A1140-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140/41/42/43
Package LH, 3-Pin; (SOT-23W)
2.40
BSC
.094
1.00
BSC
.039
0.70
BSC
.028
3.10
2.90
.122
.114
2.10
1.85
.083
.073
3.00
2.70
.118
.106
0.55
REF
.022
1.49
NOM
.059
0.28
NOM
.011
0.96
NOM
.038
0.95
BSC
.037
0.95
BSC
.037
0.25
MIN
.010
0.15
0.00
.006
.000
1.13
0.87
.045
.034
0.20
0.13
.008
.005
0.50
.020
.012
0.30
0.25
BSC
.010
Gauge Plane
Seating Plane
2
1
3
Dimensions in millimeters
U.S. Customary dimensions (in.) in brackets, for reference only
A
Hall element
B
Active Area Depth 0.28 [.011]
C
C
Fits SC–59A Solder Pad Layout
A
Package UA, 3-Pin; (TO-92)
B
.164
.159
4.17
4.04
.122
.117
3.10
2.97
.062
.058
1.57
1.47
.017
.014
0.44
0.35
.019
.014
0.48
0.36
.640
.600
16.26
15.24
.085
MAX
2.16
.050
BSC
1.27
.031
REF
0.79
.0195
NOM
0.50
.0805
NOM
2.04
1.44
.0565
NOM
45°
BSC
45°
BSC
Dimensions in inches
Metric dimensions (mm) in brackets, for reference only
23
1
A
A
B
Dambar removal protrusion
Hall element


Similar Part No. - A1141LLH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1141LUATI-T4 ALLEGRO-A1141LUATI-T4 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1141LLH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com