Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC245M96 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC245M96
Description  High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC245M96 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC245M96 Datasheet HTML 1Page - Texas Instruments CD74HC245M96 Datasheet HTML 2Page - Texas Instruments CD74HC245M96 Datasheet HTML 3Page - Texas Instruments CD74HC245M96 Datasheet HTML 4Page - Texas Instruments CD74HC245M96 Datasheet HTML 5Page - Texas Instruments CD74HC245M96 Datasheet HTML 6Page - Texas Instruments CD74HC245M96 Datasheet HTML 7Page - Texas Instruments CD74HC245M96 Datasheet HTML 8Page - Texas Instruments CD74HC245M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Drain Current, per Output, IO
For -0.5V < VO < VCC + 0.5V. . . . . . . . . . . . . . . . . . . . . . . . . .±35mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Thermal Resistance (Typical, Note 1)
. . . . . . . . . . . . . . . . . θJA (oC/W)
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
69
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
58
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
High Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
Low Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
-
5.9
-
5.9
-
V
High Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
-
-
---
-
-
-
-
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
6
-
-
8
-
80
-
160
µA
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245
CD54HC245, CD74HC245, CD54HCT245, CD74HCT245


Similar Part No. - CD74HC245M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC245M96 TI-CD74HC245M96 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC245M96E4 TI-CD74HC245M96E4 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD74HC245M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
[Old version datasheet]   Octal-Bus Transceiver Three-State, Non-Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
   Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
[Old version datasheet]   Octal-Bus Transceiver, Three-State, Non-Inverting
logo
Intersil Corporation
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
   Octal Bus Transceiver Three-State, Non-Inverting
July 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com