Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT08
Description  High-Speed CMOS Logic Quad 2-Input NAND Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT08 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT08 Datasheet HTML 1Page - Texas Instruments CD74HCT08 Datasheet HTML 2Page - Texas Instruments CD74HCT08 Datasheet HTML 3Page - Texas Instruments CD74HCT08 Datasheet HTML 4Page - Texas Instruments CD74HCT08 Datasheet HTML 5Page - Texas Instruments CD74HCT08 Datasheet HTML 6Page - Texas Instruments CD74HCT08 Datasheet HTML 7Page - Texas Instruments CD74HCT08 Datasheet HTML 8Page - Texas Instruments CD74HCT08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS116C
Features
• Buffered Inputs
• Typical Propagation Delay: 7ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• Alternate Source is Philips/Signetics
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
CD54HC00,
CD74HC00,
CD54HCT00,
and
CD74HCT00
logic
gates
utilize
silicon
gate
CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The 74HCT logic family is functionally pin
compatible with the standard 74LS logic family.
Pinout
CD54HC00, CD54HCT00,
(CERDIP)
CD74HC00, CD74HCT00
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC00F3A
-55 to 125
14 Ld CERDIP
CD54HCT00F3A
-55 to 125
14 Ld CERDIP
CD74HC00E
-55 to 125
14 Ld PDIP
CD74HC00M
-55 to 125
14 Ld SOIC
CD74HC00MT
-55 to 125
14 Ld SOIC
CD74HC00M96
-55 to 125
14 Ld SOIC
CD74HCT00E
-55 to 125
14 Ld PDIP
CD74HCT00M
-55 to 125
14 Ld SOIC
CD74HCT00MT
-55 to 125
14 Ld SOIC
CD74HCT00M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
January 1998 - Revised September 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC00, CD74HC00,
CD54HCT00, CD74HCT00
High-Speed CMOS Logic
Quad 2-Input NAND Gate
[ /Title
(CD54
HC00,
CD54
HCT00
,
CD74
HC00,
CD74
HCT00
)
/Sub-


Similar Part No. - CD74HCT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT08 TI-CD74HCT08 Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HCT08 TI-CD74HCT08 Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HCT08E TI-CD74HCT08E Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HCT08E TI-CD74HCT08E Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HCT08E TI1-CD74HCT08E Datasheet
909Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
More results

Similar Description - CD74HCT08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
logo
ELM Technology Corporat...
ELM7SH00XB ELM-TECH-ELM7SH00XB Datasheet
279Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NAND gate
logo
Texas Instruments
CD74HC03 TI-CD74HC03 Datasheet
46Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
CD54HC03 TI-CD54HC03 Datasheet
258Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
CD54HC03 TI-CD54HC03_07 Datasheet
415Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
logo
Integral Corp.
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC03 TI-CD54HC03_08 Datasheet
444Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com