Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5225B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # 1N5225B
Description  ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5225B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  1N5225B Datasheet HTML 1Page - Central Semiconductor Corp 1N5225B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 1N5225B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N5225B PHILIPS-1N5225B Datasheet
37Kb / 7P
   Voltage regulator diodes
1996 Apr 26
logo
Zibo Seno Electronic En...
1N5225B ZSELEC-1N5225B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Tiger Electronic Co.,Lt...
1N5225B TGS-1N5225B Datasheet
264Kb / 3P
   Zener diode
logo
Fairchild Semiconductor
1N5225B FAIRCHILD-1N5225B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5225B YEASHIN-1N5225B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5225B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
   SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_10 Datasheet
348Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4_11 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B Datasheet
59Kb / 2P
   SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMHZ5221B CENTRAL-CMHZ5221B_10 Datasheet
377Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 75 VOLTS 500mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com