Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4281 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281 Datasheet(HTML) 5 Page - Texas Instruments

  THS4281 Datasheet HTML 1Page - Texas Instruments THS4281 Datasheet HTML 2Page - Texas Instruments THS4281 Datasheet HTML 3Page - Texas Instruments THS4281 Datasheet HTML 4Page - Texas Instruments THS4281 Datasheet HTML 5Page - Texas Instruments THS4281 Datasheet HTML 6Page - Texas Instruments THS4281 Datasheet HTML 7Page - Texas Instruments THS4281 Datasheet HTML 8Page - Texas Instruments THS4281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
DEVICE INFORMATION
R A
1
R A
2
R
A
2_3
R A
3
V
A
REF
DGND
LDAC
DACA/B
NC
DB11
R B
1
R B
2
R
B
2_3
R B
3
V
B
REF
V
DD
CLR
R/W
CS
DB0
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
DAC7822
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
RTA PACKAGE
QFN-40
(TOP VIEW)
TERMINAL FUNCTIONS
PIN NO.
PIN NAME
DESCRIPTION
DAC A 4-Quadrant Resistors. Allows a number of configuration modes, including bipolar operation with
1-4
R1A, R2A, R2_3A, R3A
minimum of external components.
5, 26
VREFA, VREFB
DAC Reference Voltage Input Terminals.
6
DGND
Digital Ground Pin.
Load DAC Input. Allows asynchronous or synchronous updates to the DAC output. The DAC is asynchronously
7
LDAC
updated when this signal goes low. Alternatively, if this line is held permanently low, an automatic or
synchronous update mode is selected whereby the DAC is updated on the rising edge of CS.
8
DAC A/B
Selects DAC A or B. Low selects DAC A, and high selects DAC B.
9, 34-37
NC
Not internally connected.
10-21
DB11 to DB0
Parallel Data Bits 11 through 0.
Chip Select Input; active low. Used in conjuction with R/W to load parallel data to the input latch or to read data
22
CS
from the DAC register. Edge sensitive; when pulled high, the DAC data is latched.
Read/Write. When low, used in conjunction with CS to load parallel data. When high, used in conjunction with
23
R/W
CS to read back contents of DAC register.
24
CLR
Active Low Control Input. Clears DAC output and input and DAC registers.
25
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5V to 5.5V.
DAC B 4-Quadrant Resistors. Allow a number of configuration modes, including bipolar operation with a
27-30
R3B, R2_3B, R2B, R1B
minimum of external components.
31, 40
RFBB, RFBA
External Amplifier Output.
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but can be biased
32
IOUT2B
to achieve single-supply operation.
33
IOUT1B
DAC B Current Output.
38
IOUT1A
DAC A Current Output.
DAC A Analog Ground. This pin typically should be tied to the analog ground of the system, but can be biased
39
IOUT2A
to achieve single-supply operation.
5
Submit Documentation Feedback


Similar Part No. - THS4281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281 TI-THS4281 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281 NSC-THS4281 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281 TI1-THS4281 Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
THS4281 TI1-THS4281 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - THS4281

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com