Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7811IDGSG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7811IDGSG4
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7811IDGSG4 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7811IDGSG4 Datasheet HTML 1Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 2Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 3Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 4Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 5Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 6Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 7Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 8Page - Texas Instruments DAC7811IDGSG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
VDD = +2.7 V to +5.5 V; IOUT1 = Virtual GND; IOUT2 = 0V; VREF = +10 V; TA = full operating temperature. All specifications
–40
°C to +125°C, unless otherwise noted.
DAC7811
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE INPUT
VREF range
–15
15
V
Input resistance
8
10
12
k
RFB resistance
8
10
12
k
LOGIC INPUTS AND OUTPUT(2)
Input low voltage
VIL VDD = +2.7V
0.6
V
VIL VDD = +5V
0.8
V
Input high voltage
VIH VDD = +2.7V
2.1
V
VIH VDD = +5V
2.4
V
Input leakage current
IIL
10
µA
Input capacitance
CIL
10
pF
INTERFACE TIMING (see Figure 28)
Clock input frequency
fCLK
50
MHz
Clock period
tC
20
ns
Clock pulse width high
tCH
8
ns
Clock pulse width low
tCC
8
ns
SYNC falling edge to SCLK
tCSS
13
ns
active edge setup time
SCLK active edge to SYNC
tCST
5
ns
rising edge hold time
Data setup time
tDS
5
ns
Data hold time
tDH
3
ns
SYNC high time
tSH
30
ns
VDD = +2.7V
25
35
ns
SYNC inactive edge to SDO
tDDS
valid
VDD = +5V
20
30
ns
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD (normal operation)
Logic inputs = 0V
5
µA
VDD = +4.5 V to +5.5 V
VIH = VDD and VIL = GND
0.8
5
µA
VDD = +2.7 V to +3.6 V
VIH = VDD and VIL = GND
0.4
2.5
µA
AC CHARACTERISTICS(2)
Output voltage settling time
0.2
µs
Reference multiplying BW
VREF = 7 VPP, Data = FFFh
10
MHz
VREF = 0 V to 10 V,
DAC glitch impulse
5
nV-s
Data = 7FFh to 800h to 7FFh
Feedthrough error VOUT/VREF
Data = 000h, VREF = 100kHz
–60
dB
Digital feedthrough
2
nV-s
Total harmonic distortion
–105
dB
Output spot noise voltage
18
nV/
√Hz
(2)
Specified by design and characterization; not production tested.
3
Submit Documentation Feedback


Similar Part No. - DAC7811IDGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811IDGSR TI-DAC7811IDGSR Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811IDGST TI-DAC7811IDGST Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC7811IDGSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com