Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA703 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA703
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA703 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA703 Datasheet HTML 6Page - Texas Instruments OPA703 Datasheet HTML 7Page - Texas Instruments OPA703 Datasheet HTML 8Page - Texas Instruments OPA703 Datasheet HTML 9Page - Texas Instruments OPA703 Datasheet HTML 10Page - Texas Instruments OPA703 Datasheet HTML 11Page - Texas Instruments OPA703 Datasheet HTML 12Page - Texas Instruments OPA703 Datasheet HTML 13Page - Texas Instruments OPA703 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
Theory of Operation
R
R
R
R
2R
2R
2R
2R
DB0
(LSB)
DB9
DB10
DB11
(MSB)
I
1
OUT
R
FB
V
REF
I
2
OUT
R
V
OUT
+ *VREF
CODE
4096
(1)
OPA277
DAC7811
15V
V+
V
-
-
15V
GND
I
1
OUT
R
FB
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
The DAC7811 is a single channel, current output, 12-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 25, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to IOUT1 or the IOUT2 terminal. The IOUT1 terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 10k
Ω ±20%. The external reference voltage can vary over a range of
–15V to +15V, thus providing bipolar IOUT current operation. By using an external I/V converter and the
DAC7811 RFB resistor, output voltage ranges of –VREF to VREF can be generated.
Figure 25. Equivalent R-2R DAC Circuit
When using an external I/V converter and the DAC7811 RFB resistor, the DAC output voltage is given by
Equation 1:
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT1 terminal changes versus code, the external I/V converter noise gain
will also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage
such that the amplifier offset is not modulated by the DAC IOUT1 terminal impedance change. External op amps
with large offset voltages can produce INL errors in the transfer function of the DAC7811 due to offset
modulation versus DAC code.
For best linearity performance of the DAC7811, a low offset voltage op amp (such as the OPA277) is
recommended (see Figure 26). This circuit allows VREF swinging from –10V to +10V.
Figure 26. Voltage Output Configuration
10
Submit Documentation Feedback


Similar Part No. - OPA703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA703 TI1-OPA703 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
OPA703 TI1-OPA703 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA703NA TI-OPA703NA Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com