Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83846 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 3Page - National Semiconductor (TI) DP83846 Datasheet HTML 4Page - National Semiconductor (TI) DP83846 Datasheet HTML 5Page - National Semiconductor (TI) DP83846 Datasheet HTML 6Page - National Semiconductor (TI) DP83846 Datasheet HTML 7Page - National Semiconductor (TI) DP83846 Datasheet HTML 8Page - National Semiconductor (TI) DP83846 Datasheet HTML 9Page - National Semiconductor (TI) DP83846 Datasheet HTML 10Page - National Semiconductor (TI) DP83846 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
7
www.national.com
1.3 Clock Interface
1.4 Special Connections
1.5 LED Interface
Signal Name
Type
Pin #
Description
X1
I
67
REFERENCE CLOCK INPUT 25 MHz: This pin is the pri-
mary clock reference input for the DP83846A and must be
connected to a 25 MHz 0.005% (
±50 ppm) clock source.
The DP83846A supports CMOS-level oscillator sources.
X2
O
66
REFERENCE CLOCK OUTPUT 25 MHz: This pin is the
primary clock reference output.
Signal Name
Type
Pin #
Description
RBIAS
I
3
Bias Resistor Connection. A 9.31 k
Ω1% resistor should be
connected from RBIAS to ANA_GND.
RESERVED
I/O
1, 5, 8, 20,
21, 22, 47,
63, 68, 69,
70, 71, 74,
75, 77, 78,
80
RESERVED: These pins must be left unconnected.
Signal Name
Type
Pin #
Description
LED_DPLX/PHYAD0
S, O
33
FULL DUPLEX LED STATUS: Indicates Full-Duplex sta-
tus.
LED_COL/PHYAD1
S, O
32
COLLISION LED STATUS: Indicates Collision activity in
Half Duplex mode.
LED_GDLNK/PHYAD2
S, O
31
GOOD LINK LED STATUS: Indicates Good Link Status for
10BASE-T and 100BASE-TX.
LED_TX/PHYAD3
S, O
30
TRANSMIT LED STATUS: Indicates transmit activity. LED
is on for activity, off for no activity.
LED_RX/PHYAD4
S, O
29
RECEIVE LED STATUS: Indicates receive activity. LED is
on for activity, off for no activity.
LED_SPEED
O
28
SPEED LED STATUS: Indicates link speed; high for 100
Mb/s, low for 10 Mb/s.


Similar Part No. - DP83846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83846A TI1-DP83846A Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846AVHG TI1-DP83846AVHG Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846AVHG/NOPB TI1-DP83846AVHG/NOPB Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846A TI1-DP83846A_11 Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
More results

Similar Description - DP83846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83846A TI1-DP83846A_11 Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83847 TI1-DP83847_11 Datasheet
415Kb / 62P
[Old version datasheet]   DsPHYTER II - Single 10/100 Ethernet Transceiver
logo
National Semiconductor ...
DP83847 NSC-DP83847 Datasheet
378Kb / 60P
   DsPHYTER II ??Single 10/100 Ethernet Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com