Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D107X9010D2W Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 593D107X9010D2W
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X9010D2W Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 593D107X9010D2W Datasheet HTML 3Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 4Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 5Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 6Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 7Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 8Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 9Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 10Page - Vishay Siliconix 593D107X9010D2W Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.vishay.com
35
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
For technical questions, contact tantalum@vishay.com
5.
Power Dissipation: Power dissipation will be
affected by the heat sinking capability of the
Temperature
Derating Factor
+ 25°C
+ 85°C
+ 125°C
1.0
0.9
0.4
1.
A-C Ripple Current: The maximum allowable ripple
current shall be determined from the formula:
where,
P
=
Power Dissipation in Watts @ + 25°C as given
in the table in Paragraph Number 5 (Power
Dissipation).
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
2.
A-C Ripple Voltage: The maximum allowable ripple
voltage shall be determined from the formula:
or, from the formula:
where,
P
=
Power Dissipation in Watts @ + 25°C as
given in the table in Paragraph Number 5
(Power Dissipation).
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
Z
= The capacitor impedance at the specified
frequency.
2.1
The sum of the peak AC voltage plus the DC voltage
shall not exceed the DC voltage rating of the
capacitor.
2.2
The sum of the negative peak AC voltage plus the
applied DC voltage shall not allow a voltage reversal
exceeding 10% of the DC rating at + 25°C.
3.
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 10% of the DC rating at + 25°C, 5% of the
DC rating at + 85°C and 1% of the DC rating at +125°C.
4.
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25°C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:
Irms =
P
RESR
Vrms = Irms x Z
P
RESR
Vrms = Z
Case Code
Maximum Permissible
Power Dissipation
@ + 25
°C (Watts) in free air
A
B
C
D
E
0.075
0.085
0.110
0.150
0.165
6.
Printed Circuit Board Materials: Type 593D
capacitors are compatible with commonly used printed
circuit board materials (alumina substrates, FR4,
FR5, G10, PTFE-fluorocarbon and porcelanized
steel).
7.
Attachment:
7.1
Solder Paste: The recommended thickness of the
solder paste after application is .007" ± .001"
[.178mm ± .025mm]. Care should be exercised in
selecting the solder paste. The metal purity should
be as high as practical. The flux (in the paste) must
be active enough to remove the oxides formed on the
metallization prior to the exposure to soldering heat. In
practice this can be aided by extending the solder
preheat time at temperatures below the liquidous state
of the solder.
7.2
Soldering: Capacitors can be attached by
conventional soldering techniques - vapor phase,
infrared reflow, wave soldering and hot plate methods.
The Soldering Profile chart shows maximum
recomended time/temperature conditions for solder-
ing. Attachment with a soldering iron is not recom-
mended due to the difficulty of controlling temperature
and time at temperature.
8.
Cleaning (Flux Removal) After Soldering: The
593D is compatible with all commonly used solvents
such as TES, TMS, Prelete, Chlorethane, Terpene
and aqueous cleaning media. However, CFC/ODS
products are not used in the production of these
devices and are not recommended. Solvents contain-
ing methylene chloride or other epoxy solvents should
be avoided since these will attack the epoxy
encapsulation material.
8.1
When using ultrasonic cleaning, the board may
resonate if the output power is too high. This vibration
can cause cracking or a decrease in the adherence of
the termination. DO NOT EXCEED 9W/l @ 40kHz
for 2 minutes.
GUIDE TO APPLICATION
mounting surface. Non-sinusoidal ripple current may
produce heating effects which differ from those shown.
It is important that the equivalent
Irms value be established
when calculating permissible operating levels. (Power
Dissipation calculated using + 25°C temperature rise.)


Similar Part No. - 593D107X9010D2W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
593D107X9010D2W TI1-593D107X9010D2W Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Vishay Siliconix
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X9010D2WE3 VISHAY-593D107X9010D2WE3 Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
More results

Similar Description - 593D107X9010D2W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
255D VISHAY-255D Datasheet
177Kb / 6P
   Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
Revision 04-Feb-03
DLA14002 VISHAY-DLA14002 Datasheet
287Kb / 19P
   Solid Tantalum Chip Capacitors, TANTAMOUNT
Revision: 12-Apr-16
595D336X9035R2T VISHAY-595D336X9035R2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
TM3 VISHAY-TM3 Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com