Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MITI-3V1 Datasheet(PDF) 1 Page - Littelfuse

Part # MITI-3V1
Description  Axial Lead Reed Switches
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MITI-3V1 Datasheet(HTML) 1 Page - Littelfuse

  MITI-3V1 Datasheet HTML 1Page - Littelfuse MITI-3V1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
littelfuse.com
© 2015 Littelfuse
Specifications are subject to change without notice.
MITI-3V1 7mm Ultra-Miniature Reed Switch
Description
The MITI-3V1 ultra-miniature reed switch is a normally open switch with a
7.00mm long x 1.80mm diameter (0.276” x 0.071”) glass envelope, which is
capable of switching 170Vdc at 10W. It has a high insulation resistance of 10¹²
ohms minimum and low contact resistance of less than 150 milliohms.
The MITI-3V1 is also available in a surface mount version, that is, MISM-3V1.
Agency Approvals
Agency
Agency File Number
Ampere-Turns Range
E47258
E471070
6-10 AT
DEMKO 14 ATEX 1393U
6-10 AT
Switch Type
Contact Form
A (SPST-NO)
Materials
Body: Glass
Leads: Tin Plated Nickel Iron
Axial Lead Reed Switches
Features
• Ultra-miniature, normally
open switch
• Capable of switching 170Vdc or
0.25A at up to 10W
• Available sensitivity range 6-10 AT
Benefits
• Hermetically sealed switch contacts
are not affected by and have no
effect on their external environment
• Very low space requirement
• Zero operating power required for
contact closure
• Excellent for switching micro-
controller logic level loads
Applications
• Reed relays
• Security
• Metering
• Mobile phones
Dimensions
Dimensions in mm
Electrical Ratings
Contact Rating 1
Watt - max.
10
Voltage 3
Switching 2
Breakdown 4
Vdc - max.
Vdc - min.
170
175
Current 3
Switching 2
Carry
A - max.
A - max.
0.25
0.5
Resistance
Contact, Initial
Insulation
Ω - max.
Ω - min.
0.15
1012
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
Storage 5
°C
°C
-40 to +125
-65 to +125
Low Power > MITI-3V1
RoHS
23.00
(.906) REF.
1.80
(.071) MAX.
46.00
(1.811) NOM.
7.00
(.276) MAX.
0.38
(.015) DIA. REF.
CL OF OVERLAP
Note: SPST-NO = Single-pole, single-throw, normally open
Notes:
1. Contact rating - Product of the switching voltage and current should never exceed the wattage rating. Contact Littelfuse for additional load/life information.
2. When switching inductive and/or capacitive loads, the effects of transient voltages and/or currents should be considered. Refer to Application Notes AN108A and AN107 for details.
3. Electrical Load Life Expectancy - Contact Littelfuse with voltage, current values along with type of load.
4. Breakdown Voltage - per MIL-STD-202, Method 301.
5. Storage Temperature - Long time exposure at elevated temperature may degrade solderability of the leads.


Similar Part No. - MITI-3V1

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MITI-3V1 HAMLIN-MITI-3V1 Datasheet
41Kb / 1P
   Ultra-miniature normally open switch with 7.00mm x 1.80mm
More results

Similar Description - MITI-3V1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HA15-2 LITTELFUSE-HA15-2 Datasheet
387Kb / 2P
   Axial Lead Reed Switches
MLRR-3 LITTELFUSE-MLRR-3 Datasheet
494Kb / 2P
   Axial Lead Reed Switches
FLEX-14 LITTELFUSE-FLEX-14 Datasheet
377Kb / 2P
   Axial Lead Reed Switches
MARR-5 LITTELFUSE-MARR-5 Datasheet
509Kb / 2P
   Axial Lead Reed Switches
MRPR-3 LITTELFUSE-MRPR-3 Datasheet
506Kb / 2P
   Axial Lead Reed Switches
DRT-DTH LITTELFUSE-DRT-DTH Datasheet
302Kb / 2P
   Axial Lead Reed Switches
MACD-14 LITTELFUSE-MACD-14 Datasheet
498Kb / 2P
   Axial Lead Reed Switches
DRR-DTH LITTELFUSE-DRR-DTH Datasheet
302Kb / 2P
   Axial Lead Reed Switches
MDRR-DT LITTELFUSE-MDRR-DT Datasheet
550Kb / 3P
   Axial Lead Reed Switches
MDCG-4 LITTELFUSE-MDCG-4 Datasheet
507Kb / 2P
   Axial Lead Reed Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com