Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM54161 Datasheet(PDF) 4 Page - Texas Instruments

Part # DM54161
Description  Synchronous 4-Bit Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM54161 Datasheet(HTML) 4 Page - Texas Instruments

  DM54161 Datasheet HTML 1Page - Texas Instruments DM54161 Datasheet HTML 2Page - Texas Instruments DM54161 Datasheet HTML 3Page - Texas Instruments DM54161 Datasheet HTML 4Page - Texas Instruments DM54161 Datasheet HTML 5Page - Texas Instruments DM54161 Datasheet HTML 6Page - Texas Instruments DM54161 Datasheet HTML 7Page - Texas Instruments DM54161 Datasheet HTML 8Page - Texas Instruments DM54161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
IOS
Short Circuit
VCC e Max
DM54
b
20
b
57
mA
Output Current
(Note 2)
DM74
b
20
b
57
ICCH
Supply Current
VCC e Max
DM54
85
mA
with Outputs High
(Note 3)
DM74
59
94
ICCL
Supply Current
VCC e Max
DM54
91
mA
with Outputs Low
(Note 4)
DM74
63
101
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICCH is measured with the LOAD high then again with the LOAD low with all inputs high and all outputs open
Note 4
ICCL is measured with the CLOCK high then again with the CLOCK input low with all inputs low and all outputs open
Note 5
Applies to 163 which has synchronous clear inputs
Note 6
TA e 25 C and VCC e 5V
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
RL e 400X CL e 15 pF
Units
To (Output)
Min
Max
fMAX
Maximum Clock
25
MHz
Frequency
tPLH
Propagation Delay Time
Clock to
35
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clock to
35
ns
High to Low Level Output
Ripple Carry
tPLH
Propagation Delay Time
Clock
20
ns
Low to High Level Output
(Load High) to Q
tPHL
Propagation Delay Time
Clock
23
ns
High to Low Level Output
(Load High) to Q
tPLH
Propagation Delay Time
Clock
25
ns
Low to High Level Output
(Load Low) to Q
tPHL
Propagation Delay Time
Clock
29
ns
High to Low Level Output
(Load Low) to Q
tPLH
Propagation Delay Time
Enable T to
16
ns
Low to High Level Output
Ripple Carry
tPHL
Propagation Delay Time
Enable T to
16
ns
High to Low Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clear (Note 7)
38
ns
High to Low Level Output
to Q
Note 7
Propagation delay for clearing is measured from the clear input for the 161 or from the clock input transition for the 163
3


Similar Part No. - DM54161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
DM54161A NSC-DM54161A Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
DM54161AJ NSC-DM54161AJ Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
DM54161AW NSC-DM54161AW Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
DM54161J NSC-DM54161J Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
More results

Similar Description - DM54161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
logo
Texas Instruments
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com