Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

180RKI100 Datasheet(PDF) 2 Page - International Rectifier

Part # 180RKI100
Description  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

180RKI100 Datasheet(HTML) 2 Page - International Rectifier

  180RKI100 Datasheet HTML 1Page - International Rectifier 180RKI100 Datasheet HTML 2Page - International Rectifier 180RKI100 Datasheet HTML 3Page - International Rectifier 180RKI100 Datasheet HTML 4Page - International Rectifier 180RKI100 Datasheet HTML 5Page - International Rectifier 180RKI100 Datasheet HTML 6Page - International Rectifier 180RKI100 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
180/181RKI Series
2
www.irf.com
Bulletin I25153 rev. D 09/03
Voltage
V
DRM/VRRM, max. repetitive
V
RSM , maximum non-
I
DRM/IRRM max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
J = TJ max.
VV
mA
40
400
500
180/181RKI
80
800
900
30
100
1000
1100
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
T(AV)
Max. average on-state current
180
A180° conduction, half sine wave
@ Case temperature
80
°C
I
T(RMS) Max. RMS on-state current
285
DC @ 79°C case temperature
I
TSM
Max. peak, one-cycle
3800
t = 10ms
No voltage
non-repetitive surge current
4000
A
t = 8.3ms
reapplied
3500
t = 10ms
100% V
RRM
3660
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
72
t = 10ms
No voltage
Initial T
J = TJ max.
66
t = 8.3ms
reapplied
61
t = 10ms
100% V
RRM
56
t = 8.3ms
reapplied
I2√t
Maximum I2√t for fusing
720
KA2√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1 Low level value of threshold
voltage
V
T(TO)
2 High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.35
V
Ipk= 570A, TJ = TJ max, tp = 10ms sine pulse
I
H
Maximum holding current
600
I
L
Typical latching current
1000
0.83
(16.7% x π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
0.92
(16.7% x π x I
T(AV) < I < π x IT(AV)), TJ = TJ max.
0.81
(I > π x I
T(AV)),TJ = TJ max.
Parameter
180/181RKI
Units Conditions
0.89
(I > π x I
T(AV)),TJ = TJ max.
On-state Conduction
KA2s
V
mΩ
mAT
J = 25°C, anode supply 12V resistive load
di/dt
Max. non-repetitive rate of rise
Gate drive 20V, 20Ω, tr ≤1µs
of turned-on current
T
J = TJ max, anode voltage ≤ 80% VDRM
Gate current 1A, dig/dt = 1A/µs
Vd = 0.67% VDRM, TJ = 25°C
I
TM = 50A, TJ = TJ max, di/dt = 10A/µs, VR = 100V
dv/dt = 20V/µs
Parameter
180/181RKI
Units Conditions
td
Typical delay time
1.0
Switching
tq
Typical turn-off time
100
µs
300
A/µs


Similar Part No. - 180RKI100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
180RKI100 VISHAY-180RKI100 Datasheet
187Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 05-Jun-08
180RKI100 VISHAY-180RKI100 Datasheet
156Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 03-Nov-09
180RKI100 VISHAY-180RKI100 Datasheet
205Kb / 9P
   Phase Control Thyristors
Revision: 05-Jun-08
180RKI100PBF VISHAY-180RKI100PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
180RKI100PBF VISHAY-180RKI100PBF Datasheet
156Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 03-Nov-09
More results

Similar Description - 180RKI100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com