Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505BP-UE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010505BP-UE4
Description  1-W, Isolated, Unregulated DC/DC Converter Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010505BP-UE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DCP010505BP-UE4 Datasheet HTML 4Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 5Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 6Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 7Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 8Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 9Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 10Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 11Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10
Load (%)
20
30
40
50
60
70
80
90
100
10
Load (%)
20
30
40
50
60
70
80
90
100
85
80
75
70
65
60
55
50
90
10
Load (%)
20
30
40
50
60
70
80
90
100
7.6
7.4
7.2
6.8
6.6
6.2
6
+VOUT
±VOUT
7
6.4
Load (%)
20
30
40
50
60
70
80
90
100
80
70
60
50
85
75
65
55
10
Load (%)
20
30
40
50
60
70
80
90
100
85
80
75
70
65
60
55
5.8
5.7
5.6
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
10
Load (%)
20
30
40
50
60
70
80
90
100
+VOUT
±VOUT
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012F – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, V+VS = nominal, (unless otherwise noted)
DCP010505DB
DCP010505DB
Figure 7. Load Regulation
Figure 8. Efficiency vs Load
DCP010507DB
DCP010507DB
Figure 9. Load Regulation
Figure 10. Efficiency vs Load
DCP010512B
DCP010512B
Figure 11. Load Regulation
Figure 12. Efficiency vs Load
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB


Similar Part No. - DCP010505BP-UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505BP-UE4 TI1-DCP010505BP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP-UE4 TI1-DCP010505BP-UE4 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010505BP-UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com