Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505BP-UE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010505BP-UE4
Description  1-W, Isolated, Unregulated DC/DC Converter Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010505BP-UE4 Datasheet(HTML) 3 Page - Texas Instruments

  DCP010505BP-UE4 Datasheet HTML 1Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 2Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 3Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 4Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 5Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 6Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 7Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 8Page - Texas Instruments DCP010505BP-UE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
www.ti.com
SBVS012F – DECEMBER 2000 – REVISED OCTOBER 2015
5 Device Comparison Table
at TA = 25°C, +VS = nominal, CIN = 2.2 µF, COUT = 0.1 µF, (unless otherwise noted)
OUTPUT
DEVICE
LOAD
NO LOAD
BARRIER
INPUT
EFFICIENCY
VOLTAGE
OUTPUT
REGULATION
CURRENT
CAPACITANCE
VOLTAGE
(%)
VNOM @ VS (TYP) (V)
CURRENT
10% TO 100%
IQ (mA)
CISO (pF)
DEVICE NUMBER
VS (V)
100% LOAD
75% LOAD
(mA) (1)
LOAD (2)
0% LOAD
VISO = 750Vrms
MIN
TYP
MAX
MIN
TYP
MAX
MAX
TYP
MAX
TYP
TYP
TYP
DCP010505BP
4.75
5
5.25
200
19
31
20
80
3.6
DCP010505BP-U
DCP010505DBP
±4.25
±5
±5.75
200(3)
18
32
22
81
3.8
DCP010505DBP-U
DCP010507DBP
±5.75
±6.5
±7.25
153(3)
21
35
38
81
3.0
DCP010507DBP-U
DCP010512BP
4.5
5
5.5
11.4
12
12.6
83
21
38
29
85
5.1
DCP010512BP-U
DCP010512DBP
±11.4
±12
±12.6
83(3)
19
37
40
82
4.0
DCP010512DBP-U
DCP010515BP
14.25
15
15.75
66
26
42
34
82
3.8
DCP010515BP-U
DCP010515DBP
±14.25
±15
±15.75
66(3)
19
41
42
85
4.7
DCP010515DBP-U
DCP011512DBP
±11.4
±12
±12.6
83
11
39
19
78
2.5
DCP011512DBP-U
13.5
15
16.5
DCP011515DBP
±14.25
±15
±15.75
66(3)
12
39
20
80
2.5
DCP011515DBP-U
DCP012405BP
4.75
5
5.25
200
13
23
14
77
2.5
DCP012405BP-U
21.6
24
26.4
DCP012415DBP
±14.25
±15
±15.75
66(3)
10
35
17
76
3.8
DCP012415DBP-U
(1)
POUT(max) = 1 W
(2)
Load regulation = (VOUT at 10% load – VOUT at 100%)/VOUT at 75% load
(3)
IOUT1 + IOUT2
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB


Similar Part No. - DCP010505BP-UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505BP-UE4 TI1-DCP010505BP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP-UE4 TI1-DCP010505BP-UE4 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010505BP-UE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com