Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR011203U Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DCR011203U
Description  1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR011203U Datasheet(HTML) 1 Page - Texas Instruments

  DCR011203U Datasheet HTML 1Page - Texas Instruments DCR011203U Datasheet HTML 2Page - Texas Instruments DCR011203U Datasheet HTML 3Page - Texas Instruments DCR011203U Datasheet HTML 4Page - Texas Instruments DCR011203U Datasheet HTML 5Page - Texas Instruments DCR011203U Datasheet HTML 6Page - Texas Instruments DCR011203U Datasheet HTML 7Page - Texas Instruments DCR011203U Datasheet HTML 8Page - Texas Instruments DCR011203U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SYNC
+VS
Input
Controller
ENABLE
ERROR
-VS
VREC
LDO
Regulator
-VOUT
+VOUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DCR010503, DCR012405, DCR010505
DCR011203, DCR011205, DCR012403
SBVS013D – OCTOBER 2001 – REVISED JUNE 2016
DCR01 Series, 1-W, 1000-Vrms Isolated, Regulated DC–DC Converter Modules
1
1 Features
1
1000-Vrms Isolation (Operational)
UL1950 Recognized Component
53 W/in3 (3.3W/cm3) Power Density
10-Pin PDIP and 12-Pin SOP Packages
Device-to-Device Synchronization
Thermal Protection
400-kHz Switching
125 FITs at 55ºC
±10% Input Range
Short-Circuit Protected
5-V, 12-V, and 24-V Inputs
3.3-V and 5-V Outputs
High Efficiency
2 Applications
Point-of-Use Power Conversion
Digital Interface Power
Ground Loop Elimination
Power-Supply Noise Reduction
3 Description
The DCR01 family is a series of high-efficiency, input-
isolated,
output-regulated
DC–DC
converters.
In
addition to 1 W nominal, galvanically-isolated output
power capability, this range of DC–DCs offer very low
output noise, thermal protection, and high accuracy.
This combination of features and small size makes
the DCR01 series of devices suitable for a wide
range of applications, and is an easy-to-use solution
in applications requiring signal path isolation.
CAUTION
This
product
has
operational isolation and is
intended for signal isolation
only. It must not be used
as
a
part
of
a
safety
isolation
circuit
requiring
reinforced
isolation.
See
definitions
in
Feature
Description.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DCR01
PDIP (10)
22.86 mm × 6.61 mm
SOP (12)
17.90 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DCR01 Block Diagram


Similar Part No. - DCR011203U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR011203U BURR-BROWN-DCR011203U Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011203U BURR-BROWN-DCR011203U Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011203U TI1-DCR011203U Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR011203U/1K BURR-BROWN-DCR011203U/1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011203U1K BURR-BROWN-DCR011203U1K Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR011203U

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com