Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR011203P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DCR011203P
Description  1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR011203P Datasheet(HTML) 3 Page - Texas Instruments

  DCR011203P Datasheet HTML 1Page - Texas Instruments DCR011203P Datasheet HTML 2Page - Texas Instruments DCR011203P Datasheet HTML 3Page - Texas Instruments DCR011203P Datasheet HTML 4Page - Texas Instruments DCR011203P Datasheet HTML 5Page - Texas Instruments DCR011203P Datasheet HTML 6Page - Texas Instruments DCR011203P Datasheet HTML 7Page - Texas Instruments DCR011203P Datasheet HTML 8Page - Texas Instruments DCR011203P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
DCR010503, DCR012405, DCR010505
DCR011203, DCR011205, DCR012403
www.ti.com
SBVS013D – OCTOBER 2001 – REVISED JUNE 2016
Product Folder Links: DCR010503 DCR012405 DCR010505 DCR011203 DCR011205 DCR012403
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
The last character in the part number denotes the package type; P = PDIP, U = SOP
(2)
20-MHz Bandwidth, 50% Load
(3)
100-MHz Bandwidth, 50% Load
5 Device Comparison Table
at TA = 25°C, +VS = nominal, IO = 10 mA, CIN = 2.2-µF ceramic, CFILTER = 1-µF ceramic, COUT = 0.1-µF ceramic (unless
otherwise noted)
DEVICE NUMBER (1)
INPUT
VOLTAGE
VS (V)
OUTPUT
VOLTAGE
VO (V)
OUTPUT
CURRENT
(mA)
RIPPLE (2)
(mVp-p)
NOISE (3)
(mVp-p)
SUPPLY CURRENT (mA)
IO = 0 mA
IO = 10 mA
IO = 100%
LOAD
TYP
TYP
MAX
TYP
TYP
TYP
TYP
TYP
DCR010503P
5
3.3
300
5
35
18
28
335
DCR010503U
8
23
24
33
339
DCR010505P
5
200
6
20
25
40
306
DCR010505U
9
20
25
40
306
DCR011203P
12
3.3
390
10
54
13
17
173
DCR011203U
300
8
22
13
17
136
DCR011205P
5
200
6
45
13
18
125
DCR011205U
6
21
14
19
123
DCR012403P
24
3.3
390
10
22
17
18
97
DCR012403U
300
8
22
15
17
75
DCR012405P
5
200
10
22
15
18
69
DCR012405U
13
32
15
18
67


Similar Part No. - DCR011203P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR011203P BURR-BROWN-DCR011203P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011203P BURR-BROWN-DCR011203P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011203P TI1-DCR011203P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR011203P

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com