Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR012405 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DCR012405
Description  1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR012405 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DCR012405 Datasheet HTML 7Page - Texas Instruments DCR012405 Datasheet HTML 8Page - Texas Instruments DCR012405 Datasheet HTML 9Page - Texas Instruments DCR012405 Datasheet HTML 10Page - Texas Instruments DCR012405 Datasheet HTML 11Page - Texas Instruments DCR012405 Datasheet HTML 12Page - Texas Instruments DCR012405 Datasheet HTML 13Page - Texas Instruments DCR012405 Datasheet HTML 14Page - Texas Instruments DCR012405 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SYNC
+VS
ENABLE
ERROR
-VS
VREC
LDO
Regulator
-VOUT
+VOUT
Oscillator
800 kHz
Divide-by-2
Reset
Watchdog
Startup
PSU Thermal
Shutdown
Power
Stage
Input
Controller
Copyright © 2016, Texas Instruments Incorporated
11
DCR010503, DCR012405, DCR010505
DCR011203, DCR011205, DCR012403
www.ti.com
SBVS013D – OCTOBER 2001 – REVISED JUNE 2016
Product Folder Links: DCR010503 DCR012405 DCR010505 DCR011203 DCR011205 DCR012403
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The DCR01 series of power modules offer isolation from a regulated power supply operating from a choice of
input voltages. The DCR01s provide a regulated 3.3-V or 5-V output voltage at a nominal output power of 1 W or
above. The DCR01 devices include a low dropout linear regulator internal to the device to achieve a well-
regulated output voltage. The DCR01 devices are specified for operational isolation only. The circuit design uses
an advanced BiCMOS/DMOS process.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Isolation
Underwriters Laboratories, UL™, defines several classes of isolation that are used in modern power supplies.
Safety extra low voltage (SELV) is defined by UL (UL1950 E199929) as a secondary circuit which is so
designated and protected that under normal and single fault conditions the voltage between any two accessible
parts, or between an accessible part and the equipment earthing terminal for operational isolation does not
exceed steady state 42.4 VRMS or 60 VDC peak.
8.3.1.1 Operation or Functional Isolation
The type of isolation used in the DCR01 products is referred to as operational or functional isolation. Insulated
wire used in the construction of the transformer acts as the primary isolation barrier. A high-potential (hipot), one-
second duration test (dielectric voltage, withstand test) is a production test used to verify that the isolation barrier
is functioning. Products with operational isolation must never be used as an element in a safety-isolation system.
8.3.1.2 Basic or Enhanced Isolation
Basic or enhanced isolation is defined by specified creepage and clearance limits between the primary and
secondary circuits of the power supply. Basic isolation is the use of an isolation barrier in addition to the insulated
wire in the construction of the transformer. Input and output circuits must also be physically separated by
specified distances.


Similar Part No. - DCR012405

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR012405 BURR-BROWN-DCR012405 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR012405P BURR-BROWN-DCR012405P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR012405P BURR-BROWN-DCR012405P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR012405P TI1-DCR012405P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR012405U BURR-BROWN-DCR012405U Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR012405

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com