Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010505B
Description  1-W, Isolated, Unregulated DC/DC Converter Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010505B Datasheet(HTML) 1 Page - Texas Instruments

  DCP010505B Datasheet HTML 1Page - Texas Instruments DCP010505B Datasheet HTML 2Page - Texas Instruments DCP010505B Datasheet HTML 3Page - Texas Instruments DCP010505B Datasheet HTML 4Page - Texas Instruments DCP010505B Datasheet HTML 5Page - Texas Instruments DCP010505B Datasheet HTML 6Page - Texas Instruments DCP010505B Datasheet HTML 7Page - Texas Instruments DCP010505B Datasheet HTML 8Page - Texas Instruments DCP010505B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Oscillator
800 kHz
+VS
Divide-by-2
Reset
Watchdog
Startup
PSU Thermal
Shutdown
Power
Stage
+VOUT
±VOUT
±VS
Power Controller
COM
SYNCOUT
SYNCIN
Oscillator
800 kHz
SYNCIN
+VS
Divide-by-2
Reset
Watchdog
Startup
Thermal
Shutdown
Power
Stage
+VOUT
±VOUT
±VS
Power Controller
SYNCOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012F – DECEMBER 2000 – REVISED OCTOBER 2015
DCP01B Series 1-W, Isolated, Unregulated DC/DC Converter Modules
1 Features
3 Description
The DCP01B series is a family of 1-W, isolated,
1
1-kV Isolation (Operational)
unregulated DC/DC converter modules. Requiring a
Device-to-Device Synchronization
minimum of external components and including on-
EN55022 Class B EMC Performance
chip device protection, the DCP01B series of devices
provide extra features such as output disable and
UL1950 Recognized Component
synchronization of switching frequencies.
7-Pin PDIP and 7-Pin SOP Packages
This combination of features and small size makes
the DCP01B series of devices suitable for a wide
2 Applications
range of applications, and is an easy-to-use solution
Signal Path Isolation
in applications requiring signal path isolation.
Ground Loop Elimination
WARNING: This product has operational isolation
Data Acquisition
and is intended for signal isolation only. It should not
Industrial Control and Instrumentation
be used as a part of a safety isolation circuit requiring
reinforced isolation. See definitions in the Feature
Test Equipment
Description section.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PDIP (7)
DCP01xxxxB
19.18 mm × 10.60 mm
SOP (7)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Single Output Block Diagram
Dual Output Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DCP010505B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010505B BURR-BROWN-DCP010505B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505B BURR-BROWN-DCP010505B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP010505B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com