Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

121NQ Datasheet(PDF) 1 Page - International Rectifier

Part # 121NQ
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

121NQ Datasheet(HTML) 1 Page - International Rectifier

  121NQ Datasheet HTML 1Page - International Rectifier 121NQ Datasheet HTML 2Page - International Rectifier 121NQ Datasheet HTML 3Page - International Rectifier 121NQ Datasheet HTML 4Page - International Rectifier 121NQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCHOTTKY RECTIFIER
120 Amp
121NQ...(R) SERIES
Bulletin PD-2.249 rev. C 05/02
1
www.irf.com
Major Ratings and Characteristics
Description/Features
The 121NQ... (R) high current Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175° C junction temperature. Typical
applications are in switching power supplies, converters,
free-wheeling diodes, and reverse battery protection.
175° C T
J operation
Unique high power, Half-Pak module
Replaces two parallel DO-5's
Easier to mount and lower profile than DO-5's
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
I
F(AV) Rectangular
120
A
waveform
V
RRM range
35 to 50
V
I
FSM @ tp = 5 µs sine
19,800
A
V
F
@120Apk,T
J=125°C
0.56
V
T
J
range
- 55 to 175
°C
Characteristics
121NQ...(R) Units
D-67
Outline D-67 HALF PAK Module
Dimensions in millimeters and (inches)
123NQ100
Lug Terminal Anode
Base Cathode
123NQ100R
Lug Terminal Cathode
Base Anode


Similar Part No. - 121NQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
121NQ SMC-121NQ Datasheet
223Kb / 4P
   Unique high power, Half-Pak module
logo
Microsemi Corporation
121NQ035 MICROSEMI-121NQ035 Datasheet
117Kb / 2P
   120 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
121NQ035-045 SMC-121NQ035-045 Datasheet
223Kb / 4P
   SCHOTTKY RECTIFIER
121NQ035R-1 SMC-121NQ035R-1 Datasheet
223Kb / 4P
   Unique high power, Half-Pak module
logo
Microsemi Corporation
121NQ040 MICROSEMI-121NQ040 Datasheet
117Kb / 2P
   120 Amp Schottky Rectifier
More results

Similar Description - 121NQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com