Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8581 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8581
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8581 Datasheet(HTML) 4 Page - Texas Instruments

  DAC8581 Datasheet HTML 1Page - Texas Instruments DAC8581 Datasheet HTML 2Page - Texas Instruments DAC8581 Datasheet HTML 3Page - Texas Instruments DAC8581 Datasheet HTML 4Page - Texas Instruments DAC8581 Datasheet HTML 5Page - Texas Instruments DAC8581 Datasheet HTML 6Page - Texas Instruments DAC8581 Datasheet HTML 7Page - Texas Instruments DAC8581 Datasheet HTML 8Page - Texas Instruments DAC8581 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREF
VOUT
AVSS
AVDD
AGND
DGND
DGND
DGND
DVDD
DGND
CLR
DVDD
DGND
CS
SCLK
SDIN
(TOP VIEW)
DAC8581
SLAS481C – AUGUST 2005 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = TMIN to TMAX, +AVDD = +5 V, –AVDD = –5 V, DVDD = +5 V (unless otherwise noted).
DAC8581
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
+AVDD
4.0
5
6.0
V
–AVDD
–4.0
–5
–6.0
V
DVDD
1.8
AVDD
V
IDVDD
10
20
μA
IDD
IREF and IDVDD included
17
24
mA
ISS
–23
–32
mA
TEMPERATURE RANGE
Specified performance
–40
+85
°C
PIN CONFIGURATION
PW PACKAGE
TSSOP-16
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
VREF
1
Reference input voltage.
VOUT
2
DAC output voltage. Output swing is ±VREF
AVSS
3
Negative analog supply voltage, tie to –5 V
AVDD
4
Positive analog supply voltage, tie to +5 V
AGND
5
The ground reference point of all analog circuitry of the device. Tie to 0 V.
DGND
6, 7, 8, 15
Tie to DGND to ensure correct operation.
SDIN
9
Digital input, serial data. Ignored when CS is high.
SCLK
10
Digital input, serial bit clock. Ignored when CS is high.
Digital input. Chip Select (CS) signal. Active low. When CS is high, SCLK and SDI are ignored. When CS is low,
CS
11
data can be transferred into the device.
DGND
12
Ground reference for digital circuitry. Tie to 0 V.
DVDD
13
Positive digital supply, 1.8 V–5.5 V compatible
Digital input for forcing the output to midscale. Active low. When pin CLR is low during 16th SCLK following the
falling edge of CS, the falling edge of 16th SCLK sets DAC Latch to midcode, and the DAC output to 0 V. When
CLR
14
pin CLR is High, the falling edge of 16th SCLK updates DAC latch with the value of input shift register, and
changes DAC output to corresponding level.
DVDD
16
Tie to DVDD to ensure correct operation.
4
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: DAC8581
Not Recommended For New Designs


Similar Part No. - DAC8581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581IPW TI-DAC8581IPW Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581IPWR TI-DAC8581IPWR Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8580 TI-DAC8580 Datasheet
602Kb / 21P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPOUT, DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com