Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520D157M004AHE045 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T520D157M004AHE045
Description  High frequency capacitance retention
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520D157M004AHE045 Datasheet(HTML) 3 Page - Kemet Corporation

  T520D157M004AHE045 Datasheet HTML 1Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 2Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 3Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 4Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 5Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 6Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 7Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 8Page - Kemet Corporation T520D157M004AHE045 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 10/13/2015
33
KEMET Organic Capacitor (KO-CAP®) – Industrial
T520 Low ESR Polymer Electrolytic, 2 – 25 VDC
Qualification
Test
Condition
Characteristics
Endurance
105°C at rated voltage, 2,000 hours
ΔC/C
Within -20%/+10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within 2.0 x initial limit
Storage Life
105°C at 0 volts, 2,000 hours
ΔC/C
Within -20%/+10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within 2.0 x initial limit
Humidity
60°C, 90% RH, 500 hours, No Load
ΔC/C
Within -5%/+35% of initial value
DF
Within initial limits
DCL
Within 5.0 x initial limit
ESR
Within 2.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
-55ºC, +25ºC, +85ºC, +105ºC, +25ºC
+25°C
-55°C
+85°C
+105°C
ΔC/C
IL*
±20%
±20%
±30%
DF
IL
IL
1.2 x IL
1.5 x IL
DCL
IL
N/A
10 x IL
10 x IL
Surge Voltage
105°C, 1.32 x rated voltage, 1,000 cycles
ΔC/C
Within -20%/+10% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak.
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000 Hz,
20 G peak
ΔC/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial limit
Electrical Characteristics
1
10
100
1000
100
1,000
10,000
100,000
1,000,000 10,000,000
Frequency (Hz)
T520B157M006ATE035
T520C227M006ATE025
T520V337M006ATE015
T520D337M006ATE009
Capacitance vs. Frequency
ESR vs. Frequency
0.001
0.01
0.1
1
10
100
100
1,000
10,000
100,000 1,000,000
10,000,000
Frequency (Hz)
T520B157M006ATE035_Imp
T520C227M006ATE025_Imp
T520V337M006ATE015_Imp
T520D337M006ATE009_Imp
T520B157M006ATE035_ESR
T520C227M006ATE025_ESR
T520V337M006ATE015_ESR
T520D337M006ATE009_ESR


Similar Part No. - T520D157M004AHE045

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520D157M004AHE015 KEMET-T520D157M004AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520D157M004AHE045

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
   High frequency capacitance standards
August 2022
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
   High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
   High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
   High capacitance
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
   High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
   High Capacitance
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
   Resistance, continuity, frequency, capacitance, and diode test
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com