Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8551AQDGKRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8551AQDGKRQ1
Description  Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8551AQDGKRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8551AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 10Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6
5
4
3
2
1
0
0
10
2
4
6
8
I
(mA)
(SOURCE/SINK)
DACLoadedwithFFFFh
DACLoadedwith0000h
V
=5.5V
DD
V
REF
DD
=V
- 10mV
0
-5
-10
Temperature ( C)
°
V
= 5 V
DD
V
= 4.99 V
REF
-50
125
0
50
100
25
75
25
-25
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
V
=5V,V
=4.99V
DD
REF
10
5
0
-5
-50
125
0
50
100
Temperature ( C)
°
V
= 5 V
DD
V
= 4.99 V
REF
25
75
25
-25
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
V
=5V,V
=4.99V
DD
REF
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
V
=5V,V
=4.99V
DD
REF
7
DAC8551-Q1
www.ti.com
SLASEB8A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: DAC8551-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, VDD = 5 V unless otherwise noted.
Figure 2. Linearity Error and Differential Linearity Error vs
Digital Input Code (–40°C)
Figure 3. Linearity Error and Differential Linearity Error vs
Digital Input Code (25°C)
Figure 4. Linearity Error and Differential Linearity Error vs
Digital Input Code (125°C)
Figure 5. Offset Error vs Temperature
Figure 6. Full-Scale Error vs Temperature
Figure 7. Source and Sink Current Capability


Similar Part No. - DAC8551AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551AQDGKRQ1 TI1-DAC8551AQDGKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
More results

Similar Description - DAC8551AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC82001 TI-DAC82001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
REVISED NOVEMBER 2022
DAC82001 TI-DAC82001 Datasheet
1Mb / 21P
[Old version datasheet]   DAC82001 16-Bit, Low-Glitch, Single-Channel Voltage-Output, Unbuffered DAC
SEPTEMBER 2022
DAC82002 TI-DAC82002_V01 Datasheet
2Mb / 32P
[Old version datasheet]   DAC82002 16-Bit, Low-Glitch, Dual-Channel Voltage-Output, Unbuffered DAC
REVISED DECEMBER 2022
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
logo
Burr-Brown (TI)
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com