Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8550 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8550
Description  16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8550 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8550_16 Datasheet HTML 6Page - Texas Instruments DAC8550_16 Datasheet HTML 7Page - Texas Instruments DAC8550_16 Datasheet HTML 8Page - Texas Instruments DAC8550_16 Datasheet HTML 9Page - Texas Instruments DAC8550_16 Datasheet HTML 10Page - Texas Instruments DAC8550_16 Datasheet HTML 11Page - Texas Instruments DAC8550_16 Datasheet HTML 12Page - Texas Instruments DAC8550_16 Datasheet HTML 13Page - Texas Instruments DAC8550_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
98
96
94
92
90
88
86
84
0
0.5
1.0
1.5
2.0
3.0
3.5
4.5
2.5
4.0
5.5
f
(kHz)
OUT
V
REF
DD
=V
=5V
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
-10
-30
-50
-70
-90
-110
-130
0
20
5
10
15
Frequency(kHz)
V
=5V
DD
V
=4.096V
REF
f
=1kHz
OUT
f
=1MSPS
CLK
-40
-50
-60
-70
-80
-90
-100
0
5
1
2
3
4
f
(kHz)
OUT
THD
2ndHarmonic
3rdHarmonic
V
=5V
DD
V
=4.9V
REF
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:80FF
ToCode:8000
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:8010
ToCode:8000
Glitch:0.08nV-s
DD
REF
Time(400ns/div)
V
=5V
V
=4.096V
FromCode:8000
ToCode:80FF
Glitch:NotDetected
TheoreticalWorstCase
DD
REF
10
DAC8550
SLAS476F – MARCH 2006 – REVISED MARCH 2016
www.ti.com
Product Folder Links: DAC8550
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
VDD = 5 V (continued)
at TA = 25°C, unless otherwise noted
5 V
16-LSB Step
Figure 20. Glitch Energy: Falling Edge
5 V
256-LSB Step
Figure 21. Glitch Energy: Rising Edge
5 V
256-LSB Step
Figure 22. Glitch Energy: Falling Edge
Figure 23. Total Harmonic Distortion vs Output Frequency
Figure 24. Signal-to-Noise Ratio vs Output Frequency
Figure 25. Power Spectral Density


Similar Part No. - DAC8550_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8550_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com