Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CER0605A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0605A
Description  Surface mount, silver (Ag) coated neodymium ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0605A Datasheet(HTML) 2 Page - CTS Corporation

  CER0605A Datasheet HTML 1Page - CTS Corporation CER0605A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0605A
938 MHz BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com – 4800 Alameda Blvd NE - Albuquerque, NM 87113 -
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
Customer Feed Direction
DIMENISION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REELWEIGHT
kg
1.2
REEL QUANTITY
ea.
500
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.630"/16.0
0.329"/8.35
0.280"/7.1
0.106"/2.70
0.472"/12.0
Product Marking
CTS
605
YWW
-80
-70
-60
-50
-40
-30
-20
-10
0
800
850
900
950
1000
1050
1100
-40
-30
-20
-10
0
10
20
30
40
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
6.80
0.20
B
7.76
0.25
C
1.40
0.13
D
0.50
0.13
E
0.65
0.13
F
2.15
0.13
G
2.15
0.13
H
2.20
0.13
I
1.10
0.13
J
0.65
0.25
Revision B – Origin Date: October 15, 2008 – Revision Date: July 26, 2011


Similar Part No. - CER0605A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0600A CTS-CER0600A Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0601A CTS-CER0601A Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0602A CTS-CER0602A Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter
CER0603A CTS-CER0603A Datasheet
75Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter.
CER0604A CTS-CER0604A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
More results

Similar Description - CER0605A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0606A CTS-CER0606A Datasheet
62Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0604A CTS-CER0604A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0821B CTS-CER0821B Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0607A CTS-CER0607A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0136A CTS-CER0136A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0512A CTS-CER0512A Datasheet
78Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter.
CER0817B CTS-CER0817B Datasheet
152Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic filter
CER0255B CTS-CER0255B Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic Duplexer.
CER0256B CTS-CER0256B Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic Duplexer.
CER0254B CTS-CER0254B Datasheet
65Kb / 2P
   Surface mount, silver (Ag) coated neodymium ceramic uplexer.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com