Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CER0546A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0546A
Description  Surface mount, silver (Ag) coated ceramic filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0546A Datasheet(HTML) 1 Page - CTS Corporation

  CER0546A Datasheet HTML 1Page - CTS Corporation CER0546A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0546A
4000 MHz BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Features
• Low Ripple
• High Rejection
• Low Loss
Description
Surface mount, silver (Ag) coated ceramic filter.
Weight: 4.0 grams typical
Material: Filter is composed of a ceramic block
coated with Ag and a shield made of nickel silver
plated steel.
Filter complies with RoHS standards.
Complies with:
MIL-STD-202, Method 213, Condition C
MIL-STD-202, Method 201 and 204.
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Rev 1 – Origin Date: August 15, 2007 – Revision Date: October 4, 2007
Parameter
Frequency MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +110ºC
Passband Iloss
3950 - 4050
-1.9
-2.2
-2.5
Passband Ripple
3950 - 4050
0.6
0.8
1.0
Passband Return Loss @ Port 1
3950 - 4050
-14.0
-12.0
-12.0
Passband Return Loss @ Port 2
3950 - 4050
-14.0
-12.0
-12.0
Attenuation
0.1 - 3745
-63.0
-60.0
-60.0
3845
-43.0
-41.0
-40.0
4150
-43.0
-41.0
-40.0
4250 - 5000
-63.0
-60.0
-60.0
5000 - 6450
-38.0
-35.0
-35.0
Power into any port
2 Watt max


Similar Part No. - CER0546A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0540A CTS-CER0540A Datasheet
82Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0541A CTS-CER0541A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0543B CTS-CER0543B Datasheet
77Kb / 2P
   Surface mount, silver (Ag) coated ceramic
CER0548B CTS-CER0548B Datasheet
52Kb / 2P
   Surface mount, silver (Ag) coated barium ceramic filter
More results

Similar Description - CER0546A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0295B CTS-CER0295B Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0325C CTS-CER0325C Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0325E CTS-CER0325E Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6450A CTS-KFF6450A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com