Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520C157M008ATE045 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T520C157M008ATE045
Description  High frequency capacitance retention
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520C157M008ATE045 Datasheet(HTML) 4 Page - Kemet Corporation

  T520C157M008ATE045 Datasheet HTML 1Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 2Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 3Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 4Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 5Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 6Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 7Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 8Page - Kemet Corporation T520C157M008ATE045 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 10/13/2015
44
KEMET Organic Capacitor (KO-CAP®) – Industrial
T520 Low ESR Polymer Electrolytic, 2 – 25 VDC
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
F
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Glue pad
shape/design at
KEMET's option
Case Size
Component Dimensions
Weight
KEMET EIA
L
W
H
F ±0.1
±(0.004)
S ±0.3
±(0.012)
B ±0.15 (Ref)
±0.006
X (Ref)
P (Ref) R (Ref) T (Ref)
A
(Minimum) (mg)
A
3216–18
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008) 1.2 (0.047) 0.80 (0.032)
0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.4 (0.016) 0.4 (0.016) 0.13 (0.005) 1.2 (0.047)
53.16
B
3528–21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ± 0.1
(0.075 ±0.004) 2.2 (0.087) 0.80 (0.032)
0.4 (0.016)
0.10 ±0.10
(0.004 ±0.004) 0.5 (0.020) 1.0 (0.039) 0.13 (0.005) 1.9 (0.075)
94.85
C
6032–28
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012) 2.2 (0.087) 1.30 (0.051)
0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (0.035) 1.0 (0.039) 0.13 (0.005) 2.9 (0.114)
184.14
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (0.094) 1.30 (0.051)
0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (0.035) 1.0 (0.039) 0.13 (0.005) 3.6 (0.142)
434.83
H
7360–20
7.3 ±0.3
(0.287 ±0.012)
6.0±0.3
(0.236 ±0.012)
1.9 ±0.1
(0.075 ±0.004) 4.1 (0.161) 1.3 (0.051)
N/A
0.10 ±0.10
(0.004 ±0.004)
N/A
N/A
0.13 (0.005) 3.3 (0.130)
384.64
L
6032–19
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.2
(0.110 ±0.008)
1.8 ±0.1
(0.071 ±0.004) 2.2 (0.087) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 2.5(0.098)
186.68
M
3528–15
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.4 ±0.1
(0.055 ±0.004) 2.2 (0.087) 0.8 (0.031)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 1.1 (0.043)
97.99
Q
7343-12
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.1 ±0.1
(0.043 ±0.004) 2.4 (0.094) 1.3 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 3.8 (0.150)
170.35
T
3528–12
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.1 ±0.1
(0.043 ±0.004) 2.2 (0.087) 0.80 (0.032)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 1.9 (0.075)
54.84
U
6032–15
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.2
(0.110 ±0.008)
1.4 ±0.1
(0.055 ±0.004) 2.2 (0.087) 1.30 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 2.9 (0.114)
117.36
V
7343–19
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.8 ±0.1
(0.071 ±0.004) 2.4 (0.094) 1.30 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 3.6 (0.142)
274.30
W
7343–15
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
1.4 ±0.1
(0.055 ±0.004) 2.4 (0.094) 1.30 (0.051)
N/A
0.05 (0.002)
N/A
N/A
0.13 (0.005) 3.6 (0.142)
222.95
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (0.094) 1.30 (0.051)
0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 1.7 (0.067) 1.0 (0.039) 0.13 (0.005) 3.6 (0.142)
553.96
Y
7343–40
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
3.8 ±0.2
(0.150 ±0.008) 2.4 (0.094) 1.3 (.051)
0.5 (0.020)
0.10 ±0.10
(0.004 ±0.004) 1.7 (0.067) 1.0 (0.039) 0.13 (0.005) 3.8 (0.150)
493.99
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a bevel or a notch.


Similar Part No. - T520C157M008ATE045

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520C157M003AHE015 KEMET-T520C157M003AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C157M003ASE015 KEMET-T520C157M003ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C157M003ATE015 KEMET-T520C157M003ATE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C157M004AE015 KEMET-T520C157M004AE015 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520C157M004AE025 KEMET-T520C157M004AE025 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520C157M008ATE045

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
   High frequency capacitance standards
August 2022
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
   High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
   High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
   High capacitance
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
   High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
   High Capacitance
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
   Resistance, continuity, frequency, capacitance, and diode test
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com