Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT4511EE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4511EE4
Description  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4511EE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HCT4511EE4 Datasheet HTML 3Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 4Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 5Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 6Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 7Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 8Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 9Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 10Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
’HC4511
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
300
450
375
Dn
Output
CL = 50 pF
4.5 V
60
90
75
Dn
Output
CL = 50 pF
6 V
51
77
64
CL = 15 pF
5 V
25
2 V
270
405
340
LE
Output
CL = 50 pF
4.5 V
54
81
68
LE
Output
CL = 50 pF
6 V
46
69
58
tpd
CL = 15 pF
5 V
23
ns
tpd
2 V
220
330
275
ns
BL
Output
CL = 50 pF
4.5 V
44
66
55
BL
Output
CL = 50 pF
6 V
37
56
47
CL = 15 pF
5 V
18
2 V
160
240
200
LT
Output
CL = 50 pF
4.5 V
32
48
40
LT
Output
CL = 50 pF
6 V
27
41
34
CL = 15 pF
5 V
13
2 V
75
110
95
tt
Any
CL = 50 pF
4.5 V
15
22
19
ns
tt
Any
CL = 50 pF
6 V
13
19
16
ns


Similar Part No. - CD74HCT4511EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4511EE4 TI-CD74HCT4511EE4 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Similar Description - CD74HCT4511EE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com