Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC174E Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174E
Description  HEX D-TYPE FLIP-FLOP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC174E Datasheet(HTML) 4 Page - Texas Instruments

  CD74AC174E Datasheet HTML 1Page - Texas Instruments CD74AC174E Datasheet HTML 2Page - Texas Instruments CD74AC174E Datasheet HTML 3Page - Texas Instruments CD74AC174E Datasheet HTML 4Page - Texas Instruments CD74AC174E Datasheet HTML 5Page - Texas Instruments CD74AC174E Datasheet HTML 6Page - Texas Instruments CD74AC174E Datasheet HTML 7Page - Texas Instruments CD74AC174E Datasheet HTML 8Page - Texas Instruments CD74AC174E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CD74AC174
HEX D-TYPE FLIP-FLOP
WITH CLEAR
SCHS346 – APRIL 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
68
77
MHz
t
Pulse duration
CLR low
5.6
4.9
ns
tw
Pulse duration
CLK high or low
7.3
6.4
ns
tsu
Setup time before CLK
Data
2
2
ns
th
Hold time, data after CLK
4.2
3.7
ns
trec
Recovery time, before CLK
CLR
1.5
1.5
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
95
108
MHz
t
Pulse duration
CLR low
4
3.5
ns
tw
Pulse duration
CLK high or low
5.2
4.6
ns
tsu
Setup time before CLK
Data
2
2
ns
th
Hold time, data after CLK
3
2.6
ns
trec
Recovery time, before CLK
CLR
1.5
1.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to 85°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
8
9
MHz
tPLH
CLK
Any Q
169
154
ns
tPHL
CLK
Any Q
169
154
ns
tPLH
CLR
Any Q
181
165
ns
tPHL
CLR
Any Q
181
165
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
68
77
MHz
tPLH
CLK
Any Q
4.7
18.9
4.9
17.2
ns
tPHL
CLK
Any Q
4.7
18.9
4.9
17.2
ns
tPLH
CLR
Any Q
5.1
20.3
5.2
18.5
ns
tPHL
CLR
Any Q
5.1
20.3
5.2
18.5
ns


Similar Part No. - CD74AC174E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC174E TI-CD74AC174E Datasheet
36Kb / 7P
[Old version datasheet]   Hex D Flip-Flop with Reset
More results

Similar Description - CD74AC174E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com