Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HCT377 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT377
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HCT377 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HCT377 Datasheet HTML 2Page - Texas Instruments CD54HCT377 Datasheet HTML 3Page - Texas Instruments CD54HCT377 Datasheet HTML 4Page - Texas Instruments CD54HCT377 Datasheet HTML 5Page - Texas Instruments CD54HCT377 Datasheet HTML 6Page - Texas Instruments CD54HCT377 Datasheet HTML 7Page - Texas Instruments CD54HCT377 Datasheet HTML 8Page - Texas Instruments CD54HCT377 Datasheet HTML 9Page - Texas Instruments CD54HCT377 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Maximum Clock Frequency
fMAX
CL =15pF
5
-
50
-
-
-
-
-
MHz
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL =15pF
5
-
35
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per flip-flop.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 2. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC377, CD74HC377, CD54HCT377, CD74HCT377


Similar Part No. - CD54HCT377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT377 TI-CD54HCT377 Datasheet
311Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
CD54HCT377F3A TI-CD54HCT377F3A Datasheet
311Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
More results

Similar Description - CD54HCT377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC377 TI-CD54HC377 Datasheet
311Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
CD74HC377 TI-CD74HC377 Datasheet
55Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
logo
Toshiba Semiconductor
TC74AC377 TOSHIBA-TC74AC377 Datasheet
225Kb / 3P
   dvanced high speed CMOS OCTAL D-TYPE FLIP-FLOP fabricated
logo
List of Unclassifed Man...
XC74WL74AASR ETC-XC74WL74AASR Datasheet
120Kb / 4P
   CMOS Logic D-Type Flip Flop
logo
Texas Instruments
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
logo
Torex Semiconductor
XC74WL74AASR TOREX-XC74WL74AASR Datasheet
243Kb / 4P
   CMOS Logic D-Type Flip Flop
logo
Texas Instruments
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com