Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T550B107K025AT4251 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T550B107K025AT4251
Description  Includes F-Tech anode which eliminates hidden defects
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T550B107K025AT4251 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T550B107K025AT4251 Datasheet HTML 4Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 5Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 6Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 7Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 8Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 9Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 10Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 11Page - Kemet Corporation T550B107K025AT4251 Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2059_T550 • 6/23/2016
99
Tantalum Through-Hole Capacitors – Hermetically Sealed
T550 Axial Polymer Hermetic Seal (PHS) 105ºC and DLA Series
Construction
Detailed Cross Section
Tantalum Wire
Solder
Ta2O5 Dielectric
(First Layer)
Carbon
(Third Layer)
Silver Paint
(Fourth Layer)
Polymer
(Second Layer)
Wire Lead (-)
(100% Sn / SnPb)
Solder
Solder
Wire Lead (+)
(100% Sn / SnPb)
Anode Tube
Hermetic Seal System
(Glass Seal and Ring)
Aluminum Can
Tantalum
Aluminum Can
Hermetic Seal System
(Ring)
Tantalum Wire
Tantalum Pellet
(See Detail for Layers)
Hermetic Seal System
(Glass Seal)
Anode Tube
Wire Lead (-)
(100% Sn / SnPb)
Wire Lead (+)
(100% Sn / SnPb)
Capacitor Marking
KT550
+
100µF
10% 60V +
1202AAAA
Polarity Marks
Rated Capacitance
B Case
Series
KEMET ID
4 Digit Date Code, Lot Code
Capacitance
Tolerance,
Rated Voltage
(VDC)
Date Code
3 Digit
4 Digit
Year
5 = 2015
6 = 2016
7 = 2017
8 = 2018
9 = 2019
15 = 2015
16 = 2016
17 = 2017
18 = 2018
19 = 2019
Week
01 = 1st week of the year to
52 = 52nd week of the year


Similar Part No. - T550B107K025AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T550B206M060AH KEMET-T550B206M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 20 uF, 20%, 60 V, 200 mOhms
T550B396M060AH KEMET-T550B396M060AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 39 uF, 20%, 60 V, 160 mOhms
T550B397M015AH KEMET-T550B397M015AH Datasheet
56Kb / 1P
   Tantalum, Polymer Tantalum, COTS, T550, 390 uF, 20%, 15 V, 90 mOhms
T550B507M035AH KEMET-T550B507M035AH Datasheet
80Kb / 1P
   T550, Tantalum, Polymer Tantalum, HRA, 500 uF, 20%, 35 VDC, 110 mOhms
5/09/2022
T550B826K075AH KEMET-T550B826K075AH Datasheet
86Kb / 1P
   T550, Tantalum, Polymer Tantalum, HRA, 82 uF, 10%, 75 VDC, 220 mOhms
More results

Similar Description - T550B107K025AT4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T551B107M025AT4251 KEMET-T551B107M025AT4251 Datasheet
1Mb / 11P
   Includes F-Tech anode which eliminates hidden defects
logo
Asahi Kasei Microsystem...
AKD4184-A AKM-AKD4184-A Datasheet
548Kb / 24P
   Analog I/F IC which includes 4-wire resistive Touch Screen Controller
logo
List of Unclassifed Man...
VS1053 ETC2-VS1053 Datasheet
537Kb / 2P
   It includes a stereo MP3 decoder chip VS1053 which can decode multiple formats
logo
Synaptics Incorporated.
CX20672 CONEXANT-CX20672 Datasheet
672Kb / 2P
   Capless headphone eliminates BOM
logo
Pasternack Enterprises,...
PE5CK1001 PASTERNACK-PE5CK1001 Datasheet
1Mb / 17P
   Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
   BACKSHELL KIT INCLUDES
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
logo
Maxim Integrated Produc...
MAX17244 MAXIM-MAX17244 Datasheet
1Mb / 18P
   Eliminates External Components and Reduces
Rev 0; 4/16
MAX5079EVKIT MAXIM-MAX5079EVKIT Datasheet
189Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 5/05
MAX8555AEVKIT MAXIM-MAX8555AEVKIT Datasheet
353Kb / 10P
   Eliminates ORing Diode Power Dissipation
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com