Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KN347000P1K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R46KN347000P1K
Description  Capacitor, film, 0.47 F, /-10% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=22.5 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN347000P1K Datasheet(HTML) 1 Page - Kemet Corporation

  R46KN347000P1K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R46KN347000P1K
aka 46KN347000P1K
Capacitor, film, 0.47 uF, +/-10% Tol, -40/+110C, Safety: X2, 275VAC,
Lead Spacing=22.5 mm
L
H
LL
F
T
S
Dimensions (mm)
ID
Dimension
Tolerance
L
26.5
+0.3
H
15
+0.1
T
6
+0.2
S
22.5
+/-0.4
LL
4
+2
F
0.8
+/-0.05
Specifications
Manufacturer:
KEMET
Brand:
Arcotronics
Capacitance:
0.47 uF
Temperature Range:
-40/+110C
Rated Temperature:
105C
Voltage @ rated temp:
560V
Voltage AC:
275VAC
Tolerance:
+/-10%
Body Type:
Radial Box
Construction:
Wound
Application:
Safety: X2
Dissipation Factor @ 1 kHz:
0.1%
Insulation Resistance:
63.83 GOhm
Maximum dVdT:
200v/us
UL_1414:
250V
UL_1283:
310V
IEC_60384-14:
275V
CSA_384-14:
275V
CQC_GB/T 14472:
275V
Package Kind:
Bulk
Package Type:
Bag
Package Quantity:
805
© 2006-2012 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but
are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or
use. This Information is intended for use only by customers who have the requisite experience and capability to determine the correct
products for their application. Any technical advice inferred from this Information or otherwise provided by us with reference to the use of
our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R46KN347000P1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN347000P1K KEMET-R46KN347000P1K Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
More results

Similar Description - R46KN347000P1K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN347000N0M KEMET-R46KN347000N0M Datasheet
54Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN410000P1M KEMET-R46KN410000P1M Datasheet
36Kb / 1P
   Capacitor, film, 1 F, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN410000P0M KEMET-R46KN410000P0M Datasheet
36Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KR422000P0M KEMET-R46KR422000P0M Datasheet
36Kb / 1P
   Capacitor, film, 2.2 F, /-20% Tol, -40/110C, Safety: X2, 275VAC,Lead Spacing=27.5 mm
R46KN347000P1M KEMET-R46KN347000P1M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.47 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271M610M KEMET-PME271M610M Datasheet
54Kb / 1P
   Capacitor, film, 0.1 uF, /-20 Tol, -40/110C, Safety X2, 275VAC, Lead Spacing 20.3 mm
R46KN368000P0K KEMET-R46KN368000P0K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.68 F, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271MD6220KR30 KEMET-PME271MD6220KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.22 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
PME271MD6330KR30 KEMET-PME271MD6330KR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.33 uF, /-10% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN356000P1M KEMET-R46KN356000P1M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene, 0.56 F, /-20% Tol, -40/110C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com